Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC981LP3E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC981LP3E
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC981LP3E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC981LP3E Datasheet HTML 9Page - Analog Devices HMC981LP3E Datasheet HTML 10Page - Analog Devices HMC981LP3E Datasheet HTML 11Page - Analog Devices HMC981LP3E Datasheet HTML 12Page - Analog Devices HMC981LP3E Datasheet HTML 13Page - Analog Devices HMC981LP3E Datasheet HTML 14Page - Analog Devices HMC981LP3E Datasheet HTML 15Page - Analog Devices HMC981LP3E Datasheet HTML 16Page - Analog Devices HMC981LP3E Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13 - 13
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER
The gate control of the HMC981LP3E is designed to both sink and source current in to the gate of the targeted ampli-
fier (at least ±0.8 mA). This unique feature is important to achieve nearly constant quiescent bias through the amplifier
under varying gate current at different input power values.
The bias current passing through the external amplifier can be adjusted with RSENSE, where RSENSE is the R10
connected from ISENSE to GND. Use the relation given in equation (2) to set the desired bias current through the
external amplifier.
IDRAIN=32/Rsense (A)
(2)
Self Protection Feature
Due to the small resistance of the internal switch FET a large amount of current may flow through the HMC981LP3E.
HMC981LP3E limits the maximum current to protect itself under such fault conditions, by turnung of VDRAIN and
VGATE.
The HMC981LP3E will remain in this protection mode until a full power-cycle or enable/disable cycle is applied.
VNEG Fault Detection Feature
In depletion mode operation VNEG is continuously monitored against short circuit fault to GND. If VNEG rises above
a preset value (typically -1V) the system and the external amplifier are disabled by pulling VDRAIN and VG2 to GND
and VGATE to VNEG. The system will stay in this stand-by mode until short fault at VNEG is fixed.
Power-up and Enable Sequencing
To ensure the protection of the external amplifier, the HMC981LP3E provides a power-up sequence for enabling active
bias control loop. During start-up VDRAIN and VG2 are kept at GND while VGATE is taken to the most negative supply
available (VGATE=VNEG). This ensures that external amplifier is completely pinched-off before VDRAIN is applied.
When EN signal is received, VDRAIN is applied and the active bias loop is enabled. After the VDRAIN is applied, VG2
is generated. The final phase of the power-up sequence is completed by increasing the VGATE linearly until the set
IDRAIN value is achieved.
For power-down and disabling the same sequencing is applied in the reverse order.
Daisy-Chain Operation
HMC981LP3E produces a trigger out signal (TRIGOUT pin#13) when VDRAIN output is enabled. This trigger signal
can be used to enable additional HMC981LP3E chips in a chain of amplifiers. The triggering sequence can be routed
in any way, from input to output, or from output to input depending on the use. Figure-1 presents a sample use of
three HMC981LP3Es in an amplification chain. Please note that, only one of the HMC981LP3E is used to generate
the negative voltage and the remaining HMC981LP3E is set to receive external negative voltage (which is provided
from the master HMC981LP3E). Generating negative voltage from a single HMC981LP3E reduces the number of the
components in the system, and decreases the over all current consumption..
Please note that, to ensure proper start-up, the system enable signal should be applied to the chip that has the
negative voltage generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com