Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC981LP3E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC981LP3E
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC981LP3E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC981LP3E Datasheet HTML 9Page - Analog Devices HMC981LP3E Datasheet HTML 10Page - Analog Devices HMC981LP3E Datasheet HTML 11Page - Analog Devices HMC981LP3E Datasheet HTML 12Page - Analog Devices HMC981LP3E Datasheet HTML 13Page - Analog Devices HMC981LP3E Datasheet HTML 14Page - Analog Devices HMC981LP3E Datasheet HTML 15Page - Analog Devices HMC981LP3E Datasheet HTML 16Page - Analog Devices HMC981LP3E Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
13 - 14
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER
Figure 1. Daisy Chain Operation
Operation Modes
HMC981LP3E can be configured to bias both enhancement and depletion mode external amplifiers. The mode of
operation can be selected by setting two pins (VNEGFB, VGATEFB) as tabulated in Table-2. The connection to the
VNEGIN should be adjusted accordingly.
In order not to bias external amplifier in a wrong region, please make sure that the correct mode of operation is
selected before powering up the HMC981LP3E.
The HMC981LP3E does not allow the internal negative voltage generator to work if an enhancement mode is selected.
Therefore, if VNEGFB is left floating while VGATEFB is grounded, HMC981LP3E will stay in standby mode.
Please note that the external negative voltage should be between -2.5V to -3.5V for HMC981LP3E to operate. If your
application requires negative voltages outside this range please contact Hittite application support.
Table 2. Mode Selection
VNEGFB
VGATEFB
VNEGIN
Description
MODE1
(Depletion/Master Mode)
FLOAT
FLOAT
Connected to
VNEGOUT
Depletion mode transistor. Internal negative voltage generator is
active and generates -2.5V. Sample application schematic given
shown in Fig.2a.
MODE2
(Depletion/Slave Mode)
GND
FLOAT
Connected to
External VSS
Depletion mode transistor. Internal negative voltage generator is
disabled. An external negative voltage less than -2.3V should be
connected to VNEGIN. Sample application schematic given shown
in Fig.2b.
---
FLOAT
GND
N/A
Not allowed. HMC981LP3E stays in standby.
MODE3
(Enhancement Mode)
GND
GND
Connected to
GND
Enhancement mode transistor. Internal negative voltage generator is
disabled. Sample application schematic given shown in Fig.2c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com