Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT100 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # PRT100
Description  LOW COST, HIGH ACCURACY 2 WIRE TEMPERATURE TRANSMITTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

PRT100 Datasheet(HTML) 2 Page - Labfacility Ltd

  PRT100 Datasheet HTML 1Page - Labfacility Ltd PRT100 Datasheet HTML 2Page - Labfacility Ltd PRT100 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
097/0314 LOW COST, HIGH ACCURACY 2 WIRE TEMPERATURE TRANSMITTER
^ƉĞĐŝĮ ĐĂƟŽŶ
PT100 to IEC751,3 wire
0 to 450°C
0 to 200°C
0 to 100°C
-50 to 50°C
:ƵŶĐƟŽŶƐͬ ƐĞŶƐŽƌƐŵƵƐƚďĞŝŶƐƵůĂƚĞĚĨƌŽŵƐŚĞĂƚŚ
Output
4-20mA loop powered, max 30mA.
ŝƌĞĐƚůLJƉƌŽƉŽƌƟŽŶĂůƚŽŵs ŝŶƉƵƚĨŽƌ
ƚŚĞƌŵŽĐŽƵƉůĞƐ͘ ŝƌĞĐƚůLJƉƌŽƉŽƌƟŽŶĂů
to temperature for Pt100.
Loop supply
12-ϯϲs ĚĐ͖ƌĞǀ ĞƌƐĞĐŽŶŶĞĐƟŽŶƉƌŽƚĞĐƚĞĚ͘
Accuracy
Pt100 ranges ±0.1% of span (linear to
temperature input)
ĞƌŽĚƌŝŌ
±0.02% of span per °C
^ƉĂŶĚƌŝŌ
±0.02% of span per °C
Supply voltage effect
±0.03% change of span over 12 to 36 voltage change
ŽůĚũƵŶĐƟŽŶ
ĞƩ ĞƌƚŚĂŶϮΣŽǀ ĞƌĂŵďŝĞŶƚ
ĐŽŵƉĞŶƐĂƟŽŶ
temperature range of 0 to 50°C ;
ZĞũĞĐƟŽŶƌĂƟŽďĞƩ ĞƌƚŚĂŶϮϱ͗ ϭ
Sensor open circuit
Upscale; output current between 23
ĚĞƚĞĐƟŽŶΘŝŶĚŝĐĂƟŽŶ
and 27 mA. Separate, independent
alarms should be used if required for
process safety.
LOW COST, HIGH ACCURACY 2 WIRE
TEMPERATURE TRANSMITTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com