Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT100 Datasheet(PDF) 3 Page - Labfacility Ltd

Part # PRT100
Description  LOW COST, HIGH ACCURACY 2 WIRE TEMPERATURE TRANSMITTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

PRT100 Datasheet(HTML) 3 Page - Labfacility Ltd

  PRT100 Datasheet HTML 1Page - Labfacility Ltd PRT100 Datasheet HTML 2Page - Labfacility Ltd PRT100 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
097/0314 LOW COST, HIGH ACCURACY 2 WIRE TEMPERATURE TRANSMITTER
^ƉĞĐŝĮ ĐĂƟŽŶ
Load capability
(Vs –12)/0.02 Ohm; Vs = 12 to 36Vdc
ŵďŝĞŶƚŽƉĞƌĂƟŶŐ
temperature
0 to 70 °C
Storage temperature
-20 to 100 °C
Zero adjustment
ƉŽƚĞŶƟŽŵĞƚĞƌ
±20% of span, 25 turns
Span adjustment
ƉŽƚĞŶƟŽŵĞƚĞƌ
down to 50% of span for
thermocouple input and 30% of Span
for PRT100 input, 25 turns
(see note 1)
Mechanical
, ĞĂĚŵŽƵŶƟŶŐ͕ĚŝĂ͘ ϰϮŵŵ͕ ŚĞŝŐŚƚ
ϯϮŵŵ͕ ϮŵŽƵŶƟŶŐŚŽůĞƐϯϮŵŵ
between centres
E ŽƚĞϭ͗ dŚĞƚƌĂŶƐŵŝƩ ĞƌĐĂŶďĞĞĂƐŝůLJƌĂŶŐĞĚĂŶĚĐĂůŝďƌĂƚĞĚďLJ
ŵĞĂŶƐŽĨƚŚĞŵƵůƟ-ƚƵƌŶnjĞƌŽĂŶĚƐƉĂŶĂĚũƵƐƚĞƌƐŝŶĐŽŶũƵŶĐƟŽŶ
with either a mV source or standard resistance input.
For example, a type K-thermocouple which has a working
temperature range of 0 to 1100°C can be easily calibrated to
operate between 0 to 600°C, where 4mA and 20mA represent
ϬĂŶĚϲϬϬΣƌĞƐƉĞĐƟǀ ĞůLJ͘



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com