Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4FSH982 Datasheet(PDF) 3 Page - MEC Marcom Electronic Components Ltd.

Part # 4FSH982
Description  illumec™ 4F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

4FSH982 Datasheet(HTML) 3 Page - MEC Marcom Electronic Components Ltd.

  4FSH982 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 4FSH982 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 4FSH982 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For 3A switches
3AXXX (for 1C/1H)
2BXXX
Colour
B
G
Y
R
G
Y
R
Colur Codes
00
20
40
80
20
40
80
Absolute Maximum Ratings
(Ta=25°C)
Power
mW
105
100
60
100
75
60
60
Current forward
mA
30
30
20
30
20
20
20
Forward peak current
mA
150
120
80
120
60**
60**
60**
Voltage reverse
V
5
5
5
5
3
3
3
Operating temperature
°C
-40 - +85
-55 - +100
-25 - +85
Storage temperature
°C
-40 - +85
-55 - +100
-30 - +100
Soldering temperature
°C
260/5 sec. 260 for max. 3 sec.
260 for max. 5 sec.
Electrical-Optical Characteristics (Ta=25°C)
Voltage forward
Typ. V
3.8
2.1*
2.1*
2.0*
2.1
2.1
2.0
Max. V
4.5
2.8*
2.8*
2.8*
3.0
3.0
3.0
Current reverse (VR = 5V)
μA
10
100
100
100
10
10
10
Wave length
nm
466
565
585
630
563
585
650
Spread
Δnm
30
30
35
40
40
40
40
Spread angle
degree
40
90
90
90
45
45
45
Luminous Intensity
Min. mcd
4
0.7
1.7
1.1
9.0
5.6
5.6
Typ. mcd
10
2.5
5.6
3.7
25
16
16
Orientation
The longer pin is the anode, the shorter is the cathode
*/F = 20mA, **Pulse width 1ms Duty cycle 1:5
For 3F switches
3FXXX (for 1E-1F-1N-1Q-1R-1S-1X)
3FXXX (for 1K-1T-1U-1V-1W-1WD)
Colour
B
G
Y
R
G/Y
R/G
R/Y
G
Y
R
Colur Codes
00
20
40
80
2040
8020
8040
23
45
88
Absolute Maximum Ratings
(Ta=25°C)
Power
mW
105
70
60
60
120
120
120
150
130
300
Current forward
mA
30
20
20
20
25
25
25
40
40
90
Forward peak current
mA
200
60**
60**
60**
150
150
150
500
500
1000
Voltage reverse
V
5
3
3
3
5
5
5
12
12
5
Operating temperature
°C
-25 - +85
-40 - +85
-55 - +100
Storage temperature
°C
-30 - +100
-40 - +85
-55 - +100
Soldering temperature
°C
260 for max. 5 sec.
260 for max. 2 sec.
300 for max. 3 sec.
Electrical-Optical Characteristics (Ta=25°C)
Voltage Forward
Typ. V
2.1
2.1
2.1
2.0
2.1
2.1
2.1
2.1*
2.3***
2.4***
Max. V
2.8
3.0
3.0
3.0
2.8
2.8
2.8
2.5*
2.5***
3.8***
Current reverse (VR = 5V)
μA
2
10
10
10
2
2
2
10
10
10
Wave length
nm
460
563
585
650
565/590
625/565
625/590
570
587
635
Spread
Δnm
40
40
40
40
35
35
35
25
45
45
Spread angle
degree
20
45
45
45
60
60
60
80
90
55
Luminous Intensity
Min. mcd
20
9.0
5.6
5.6
8
8
8
71****
71****
100****
Typ. mcd
25
25
16
16
25
25
25
112****
112****
160****
Orientation
The longer pin is the anode, the shorter is the cathode. For bicolor LEDs the anode for the first colour (ex. 2080) is the longer pin.
***/F = 50mA, ****Luminous Flux mlm
For 4A/4F switches
illumec™ LEDs specifications
Colour
B
G
Y
W
R
Colur Codes
01
22
42
61
82
Absolute Maximum Ratings
(Ta=25°C)
Power
mW
60
65
65
80
65
Current forward
mA
20
25
25
15
25
Forward peak current
mA
150
150
100
200
100
Voltage reverse
V
5
12
12
5
12
Operating temperature
°C
-30 - +85
Storage temperature
°C
-30 - +85
Soldering temperature
°C
245 for max. 10 sec.
Electrical-Optical Characteristics (Ta=25°C)
Voltage forward
Typ. V
3.35
2.2
2
3.05
2
Max. V
3.5
2.5
2.5
3.2
2.5
Current reverse (VR = 5V)
μA
0.01
0.02
0.01
0.01
0.01
Wave length
nm
470
570
588
n.a.
633
Spread
Δnm
n.a.
30
16
n.a.
16
Spread angle
degree
145
160
160
138
160
Luminous Intensity
Min. mcd
30
28
112
28
112
Typ. mcd
35
70
150
35
150
Optical Intensity
Lm/w
4
2.5
For updates of products and/or changes of specifications please see www.mec.dk
B= Blue, G= Green, Y= Yellow, R= Red, W= White, G/Y= Green/Yellow, R/G= Red/Green, R/Y= Red/Yellow
Specifications are subject to change without notice.
multimec® LEDs
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk
0611
|
mec
|
www.mec.dk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com