Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4FSH982 Datasheet(PDF) 1 Page - MEC Marcom Electronic Components Ltd.

Part # 4FSH982
Description  illumec™ 4F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

4FSH982 Datasheet(HTML) 1 Page - MEC Marcom Electronic Components Ltd.

  4FSH982 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 4FSH982 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 4FSH982 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4 F
+
Dimensions (through-hole)
Top View
Dimensions (SMD)
Top View
How to order
Switch Mounting
SH9 surface mount
TH9 through-hole
Illuminated
Cap
Colour codes
Illuminated Caps
10 frosted blue
11 transparent
12 frosted green
14 frosted yellow
16 frosted white
18 frosted red
LEDs
01 blue
22 green
42 yellow
61 white
82 red
2242 green/yellow
8222 red/green
8242 red/yellow
Technical Data
■ through-hole or SMD
■ 50mA/24VDC
■ single pole/momentary
■ 10.000.000 operations life time
■ IP67 sealing
■ temperature range:
high temp. switch; -40/+160°C
LED:
-30/+85°C
See Page
15
16
14
18
21
19
17
20
LED
01
22
42
61
82
2242
8222
8242
Colour code
1D
11,16
1K,1KB,1KC
11,16
1N
10,12,14,16,18
1S
11
1T
16
1U
16
1V
16
1WA,1WD,1WP
16
1X
11
Lenses
1 transparent
2 green
4 yellow
6 frosted white
8 red
Dimensions
Caps
1D,1E,1F
1K,1KB,1KC
1N
1Q,1R
1S
1T,1U,1V
1WA,1WD,1WP
1X
Cap
Solid
Colour
1E Solid Colour + lens 1,2,4,6,8
1F Solid Colour + lens 1,2,4,6,8
1Q Solid Colour + lens 1,6
1R Solid Colour + lens 1,6
Illuminated
Lens
Technical specifications for 4F switch and LEDs see pages 35 and 36
PCB layout and Circuit Diagram
PCB layout and Circuit Diagram
1 LED
2 LEDS
1 LED
2 LEDS
multimec® illumec™ 4F
Ordering example: 4FSH98242 + 1D11 or 4FTH922 + 1T16
For updates of products and/or changes of specifications please see www.mec.dk
Solid Colours
1E,1F
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
1Q,1R
00 blue
03 grey
08 red
09 black
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611


Similar Description - 4FSH982

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1615800000 WEIDMULLER-1615800000 Datasheet
98Kb / 5P
BL 3.5/4F SN SW
1770760000 WEIDMULLER-1770760000 Datasheet
90Kb / 3P
BLIDCB 3.5/4F SN SW
1771110000 WEIDMULLER-1771110000 Datasheet
89Kb / 3P
BLIDC 3.5/4F SN SW
logo
PHOENIX CONTACT
1202315 PHOENIX-1202315 Datasheet
43Kb / 2P
Force and pressure test equipment - CRIMPFOX ZA 3/4F
logo
Cyntec Co., Ltd.
RLM-0816-4F CYNTEC-RLM-0816-4F Datasheet
939Kb / 8P
RLM-0816-4F Series Current Sensor Resistor (Lead / Halogen Free)
RLM-1632-4F CYNTEC-RLM-1632-4F Datasheet
928Kb / 8P
RLM-1632-4F Series Current Sensor Resistor (Lead / Halogen Free)
RLM-1632W-4F CYNTEC-RLM-1632W-4F Datasheet
964Kb / 8P
RLM-1632W-4F Series Current Sensor Resistor (Lead / Halogen Free)
logo
Marki Microwave
AQA-2156 MARKIMICROWAVE-AQA-2156 Datasheet
503Kb / 8P
21-56 GHz Amplified 4F Multiplier
logo
Molex Electronics Ltd.
0638161915 MOLEX-0638161915 Datasheet
30Kb / 1P
Power Crimp Adapter for Typce 4C and 4F Tools
08/26/2022
logo
Belden Inc.
GMBT204 BELDEN-GMBT204 Datasheet
137Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 4f MM OM2.
01-20-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com