Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DALI-PCU Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DALI-PCU
Description  DALI PCU | Light management systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DALI-PCU Datasheet(HTML) 1 Page - OSRAM GmbH

  DALI-PCU Datasheet HTML 1Page - OSRAM GmbH DALI-PCU Datasheet HTML 2Page - OSRAM GmbH DALI-PCU Datasheet HTML 3Page - OSRAM GmbH DALI-PCU Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product family benefits
_ Intuitive manual dimming and switching
_ Integrated DALI supply
_ Individual setting of minimal brightness level
Areas of application
_ Conference rooms
_ Restaurants
_ Shop lighting
Product datasheet
DALI PCU
DALI PCU | Light management systems
Product family features
_ Up to four DALI PCU can be connected in parallel to set up
multiple control points
_ Automatic synchronization between the control points
_ Combinable with standard presence- and motion detectors
with mains contact
_ Behavior after power failure configurable
_ Length of the DALI control cable: up to 300 m
__
March 14, 2023, 22:02:49
© 2023, Inventronics GmbH. All rights reserved. Inventronics is a
licensee of the OSRAM brand. OSRAM is a trademark of ams OSRAM.
DALI PCU
Page 1 of 4


Similar Part No. - DALI-PCU

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DALI-PS-100-LI OSRAM-DALI-PS-100-LI Datasheet
226Kb / 5P
DALI PS 100 LI
July 6, 2023
More results

Similar Description - DALI-PCU

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
Power Management Systems
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
Power Management Systems
logo
OSRAM GmbH
LEDCBCTRL10350 OSRAM-LEDCBCTRL10350 Datasheet
125Kb / 3P
Improved light management system
logo
Silicon Laboratories
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
Power Management for Inverter Systems.
logo
Wurth Elektronik GmbH &...
74941300 WURTH-74941300 Datasheet
93Kb / 1P
Transformer for Battery Management Systems
2020-03-05
74941301 WURTH-74941301 Datasheet
93Kb / 1P
Transformer for Battery Management Systems
2020-04-02
74941302 WURTH-74941302 Datasheet
85Kb / 1P
Transformer for Battery Management Systems
2020-04-02
74942300 WURTH-74942300 Datasheet
96Kb / 1P
Transformer for Battery Management Systems
2020-04-02
74942302 WURTH-74942302 Datasheet
96Kb / 1P
Transformer for Battery Management Systems
2020-04-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com