Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DALI-PCU Datasheet(PDF) 3 Page - OSRAM GmbH

Part # DALI-PCU
Description  DALI PCU | Light management systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DALI-PCU Datasheet(HTML) 3 Page - OSRAM GmbH

  DALI-PCU Datasheet HTML 1Page - OSRAM GmbH DALI-PCU Datasheet HTML 2Page - OSRAM GmbH DALI-PCU Datasheet HTML 3Page - OSRAM GmbH DALI-PCU Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Logistical data
Commodity code
853650809000
Environmental information
Information according Art. 33 of EU Regulation (EC) 1907/2006 (REACh)
Date of Declaration
23-01-2023
Primary Article Identifier
4052899955622
Candidate List Substance 1
No declarable substances contained
Declaration No. in SCIP database
No declarable substances contained
Equipment / Accessories
_ Suitable for up to 25 electronic control gears
_ Flexible expansion via DALI repeaters or further DALI PCUs
Download Data
File
User instruction
DALI PCU
User instruction
DALI PCU
User instruction
DALI PCU
User instruction
723913_Mounting instruction DALI PCU
Declarations of conformity
EU Declaration of Conformity 2019 9C1-3406454-EN-01
Product movie
729387_How to install DALI PCU (EN)
Logistical Data
Product code
Product description
Packaging unit (Pieces/Unit)
Dimensions (length x width x
height)
Volume
Gross weight
4052899955622
DALI PCU
Shipping carton box
60
344 mm x 254 mm x 278 mm
24.29 dm³
3607.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Product datasheet
__
March 14, 2023, 22:02:49
© 2023, Inventronics GmbH. All rights reserved. Inventronics is a
licensee of the OSRAM brand. OSRAM is a trademark of ams OSRAM.
DALI PCU
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com