Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50M50JLC Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APT50M50JLC
Description  N-Channel MOSFET Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT50M50JLC Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APT50M50JLC Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT50M50JLC Datasheet HTML 2Page - Inchange Semiconductor Company Limited APT50M50JLC Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISFM1479
eq APT50M50JLC
N-Channel MOSFET Power Module
www.iscsemi.com
1
FEATURES
· Drain Current -ID= 77A@ TC=25℃
· Drain Source Voltage -VDSS= 500V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 50mΩ(Max)@VGS= 10V
APPLICATIONS
· DC-DC Converters
· Uninterruptible Power Supply (UPS)
· Battery Chargers
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage-Continuous
±
30
V
ID
Drain Current-Continuous
77
A
IDM
Drain Current-Single Pulse
308
A
PD
Total Dissipation @TC=25℃
700
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.18
℃
/W


Similar Part No. - APT50M50JLC

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50M50JLC ADPOW-APT50M50JLC Datasheet
35Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
More results

Similar Description - APT50M50JLC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
logo
M.S. Kennedy Corporatio...
MSK3013 MSK-MSK3013 Datasheet
223Kb / 5P
QUAD N-CHANNEL MOSFET POWER MODULE
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Toshiba Semiconductor
MG400V2YMS3 TOSHIBA-MG400V2YMS3 Datasheet
560Kb / 10P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-02-02 Rev.3.0
MG600Q2YMS3 TOSHIBA-MG600Q2YMS3 Datasheet
574Kb / 10P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-02-25 Rev.4.0
MG800FXF2YMS3 TOSHIBA-MG800FXF2YMS3 Datasheet
589Kb / 11P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-01-14 Rev.3.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com