Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPFE Datasheet(PDF) 14 Page - Analog Devices

Part # LT3083MPFE
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPFE Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3083MPFE Datasheet HTML 10Page - Analog Devices LT3083MPFE Datasheet HTML 11Page - Analog Devices LT3083MPFE Datasheet HTML 12Page - Analog Devices LT3083MPFE Datasheet HTML 13Page - Analog Devices LT3083MPFE Datasheet HTML 14Page - Analog Devices LT3083MPFE Datasheet HTML 15Page - Analog Devices LT3083MPFE Datasheet HTML 16Page - Analog Devices LT3083MPFE Datasheet HTML 17Page - Analog Devices LT3083MPFE Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3083
14
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
resistance of 10mΩ (5mΩ for the two devices in parallel)
only adds about 30mV of output regulation drop at an out-
put of 6A. With an output voltage of 3.3V, this only adds
1% to the regulation. Of course, paralleling more than two
LT3083s yields even higher output current. Spreading the
devices on the PC board also spreads the heat. Series
input resistors can further spread the heat if the input-
to-output difference is high.
Quieting the Noise
The LT3083 offers numerous noise performance advan-
tages. Every linear regulator has its sources of noise. In
general, a linear regulator’s critical noise source is the
reference. In addition, consider the error amplifier’s noise
contribution along with the resistor divider’s noise gain.
Many traditional low noise regulators bond out the voltage
reference to an external pin (usually through a large value
resistor) to allow for bypassing and noise reduction. The
LT3083 does not use a traditional voltage reference like
other linear regulators. Instead, it uses a 50µA reference
current. The 50µA current source generates noise current
levels of 3.16pA/√Hz (1nARMS) over the 10Hz to 100kHz
bandwidth). The equivalent voltage noise equals the RMS
noise current multiplied by the resistor value.
The SET pin resistor generates spot noise equal to √4kTR
(k = Boltzmann’s constant, 1.38 • 10–23J/°K, and T is
absolute temperature) which is RMS summed with the
voltage noise. If the application requires lower noise
performance, bypass the voltage setting resistor with a
capacitor to GND. Note that this noise-reduction capaci-
tor increases start-up time as a factor of the RC time
constant.
The LT3083 uses a unity-gain follower from the SET pin
to the OUT pin. Therefore, multiple possibilities exist
(besides a SET pin resistor) to set output voltage. For
example, using a high accuracy voltage reference from
SET to GND removes the errors in output voltage due to
reference current tolerance and resistor tolerance. Active
driving of the SET pin is acceptable.
The typical noise scenario for a linear regulator is that the
output voltage setting resistor divider gains up the noise
reference, especially if VOUT is much greater than VREF.
The LT3083’s noise advantage is that the unity gain fol-
lower presents no noise gain whatsoever from the SET
pin to the output. Thus, noise figures do not increase
accordingly. Error amplifier noise is typically 126.5nV/√Hz
(40µVRMS) over the 10Hz to 100kHz bandwidth). The
error amplifier’s noise is RMS summed with the other
noise terms to give a final noise figure for the regulator.
Curves in the Typical Performance Characteristics sec-
tion show noise spectral density and peak-to-peak noise
characteristics for both the reference current and error
amplifier over the 10Hz to 100kHz bandwidth.
Load Regulation
The LT3083 is a floating device. No ground pin exists on
the packages. Thus, the IC delivers all quiescent current
and drive current to the load. Therefore, it is not pos-
sible to provide true remote load sensing. The connec-
tion resistance between the regulator and the load deter-
mines load regulation performance. The data sheet’s load
regulation specification is Kelvin sensed at the package’s
pins. Negative-side sensing is a true Kelvin connection by
returning the bottom of the voltage setting resistor to the
negative side of the load (see Figure 6).
Connected as shown, system load regulation is the sum
of the LT3083’s load regulation and the parasitic line
resistance multiplied by the output current. To minimize
load regulation, keep the positive connection between the
regulator and load as short as possible. If possible, use
large diameter wire or wide PC board traces.
+
–
LT3083
IN
VCONTROL
OUT
3080 F06
SET RSET
RP
PARASITIC
RESISTANCE
RP
RP
LOAD
Figure 6. Connections for Best Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com