Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPFE Datasheet(PDF) 2 Page - Analog Devices

Part # LT3083MPFE
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPFE Datasheet(HTML) 2 Page - Analog Devices

  LT3083MPFE Datasheet HTML 1Page - Analog Devices LT3083MPFE Datasheet HTML 2Page - Analog Devices LT3083MPFE Datasheet HTML 3Page - Analog Devices LT3083MPFE Datasheet HTML 4Page - Analog Devices LT3083MPFE Datasheet HTML 5Page - Analog Devices LT3083MPFE Datasheet HTML 6Page - Analog Devices LT3083MPFE Datasheet HTML 7Page - Analog Devices LT3083MPFE Datasheet HTML 8Page - Analog Devices LT3083MPFE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3083
2
Rev. B
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
CONTROL Pin Voltage.............................................±28V
IN Pin Voltage (T5, Q Packages) ....................18V, –0.3V
No Overload or Short-Circuit .....................23V, –0.3V
IN Pin Voltage (DF, FE Packages) .....................8V, –0.3V
No Overload or Short-Circuit .....................14V, –0.3V
SET Pin Current (Note 7) .....................................±25mA
SET Pin Voltage (Relative to OUT) .......................... ±10V
(Note 1) All Voltages Relative to VOUT
TOP VIEW
13
OUT
DF PACKAGE
12-LEAD (4mm
× 4mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
IN
IN
IN
IN
VCONTROL
VCONTROL
OUT
OUT
OUT
OUT
OUT
SET 6
7
TJMAX = 125°C, θJA = 37°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 13) IS OUT, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT
OUT
OUT
OUT
OUT
OUT
SET
OUT
OUT
IN
IN
IN
IN
VCONTROL
VCONTROL
OUT
17
OUT
TJMAX = 125°C, θJA = 25°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 17) IS OUT, MUST BE SOLDERED TO PCB
Q PACKAGE
5-LEAD PLASTIC DD-PAK
TAB IS
OUT
FRONT VIEW
IN
VCONTROL
OUT
SET
NC
5
4
3
2
1
TJMAX = 125°C, θJA = 15°C/W, θJC = 3°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
IN
VCONTROL
OUT
SET
NC
FRONT VIEW
5
4
3
2
1
TAB IS
OUT
TJMAX = 125°C, θJA = 40°C/W, θJC = 3°C/W
PIN CONFIGURATION
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range (Notes 2, 10)
E-, I-grades........................................ –40°C to 125°C
MP-grade........................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
T, Q, FE Packages Only .....................................300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3083EDF#PBF
LT3083EDF#TRPBF
3083
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT3083EFE#PBF
LT3083EFE#TRPBF
3083FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3083EQ#PBF
LT3083EQ#TRPBF
LT3083Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT3083ET#PBF
N/A
LT3083T
5-Lead Plastic TO-220
–40°C to 125°C
LT3083IDF#PBF
LT3083IDF#TRPBF
3083
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT3083IFE#PBF
LT3083IFE#TRPBF
3083FE
16-Lead Plastic TSSOP
–40°C to 125°C
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com