Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV3402649 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # AV3402649
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV3402649 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button AV3402649 Datasheet HTML 8Page - Panasonic Semiconductor AV3402649 Datasheet HTML 9Page - Panasonic Semiconductor AV3402649 Datasheet HTML 10Page - Panasonic Semiconductor AV3402649 Datasheet HTML 11Page - Panasonic Semiconductor AV3402649 Datasheet HTML 12Page - Panasonic Semiconductor AV3402649 Datasheet HTML 13Page - Panasonic Semiconductor AV3402649 Datasheet HTML 14Page - Panasonic Semiconductor AV3402649 Datasheet HTML 15Page - Panasonic Semiconductor AV3402649 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
–1–
AECTB36E 201510-T
(Snap-action, Detection and Interlock Switches)
TECHNICAL TERMINOLOGY
Technical Terminology & Cautions for Use
■ Snap-action switches
A compact switch equipped with an enclosed micro-gap snap-
action contact mechanism that makes a specified motion with a
specified force to open/close a circuit, and an actuator outside
the enclosure (hereinafter referred to as the switch)
■ Actuator
A part of the switch that transmits the received external force to
an internal spring mechanism to move the movable contact so
that the switch can be opened and closed
■ Actuator stopper
A part of the switch to limit the actuator movement in the switch
operation direction
■ Rated values
Values indicating the characteristics and performance guarantee
standards of the snap-action switches. The rated current and
rated voltage, for instance, assume specific conditions (type of
load, current, voltage, frequency, etc.).
■ Mechanical life
The service life when operated at a preset operating frequency
without passing electricity through the contacts. (The life test is
performed at a switching frequency of 60 times/minute and
operating speed of 100 mm/second at the regular cam.)
■ Electrical life
The service life when the rated load is connected to the contact
and switching operations are performed. (The life test is
performed at a switching frequency of 20 times/minute and
operating speed of 100 mm/second at the regular cam.)
■ Contact form
This refers to the
components
determining the type
of application which
make up the electrical
input/output circuits in
the contact.
■ Insulation resistance
Resistance between non-continuous terminals, each terminal
and other exposed metal parts and between each terminal and
ground.
■ Dielectric
Threshold limit value that a high voltage can be applied to a
predetermined measuring location for one minute without
causing damage to the insulation.
■ Contact resistance
This indicates the electrical resistance at the contact part.
Generally, this resistance includes the conductor resistance of
the spring and terminal portions.
■ Vibration resistance
Malfunction vibration ... Vibration range where a closed contact
does not open for longer than a specified time due to vibrations
during use of the snap-action switches.
■ Shock resistance
Shock durability ... Shock range where the mechanical shocks
received during snap-action switches transport and installation
do not damage the parts or harm the operating characteristics.
Malfunction shock ... Shock range where a closed contact does
not open for longer than a specified time due to shocks during
use of the snap-action switches.
SPDT
SPST-NC
SPST-NO
Terminal symbols
COM:
NC:
NO:
COM
NC
NC
NO
NO
COM
COM
Common terminal
Normally closed terminal
Normally open terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com