Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV3402649 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # AV3402649
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV3402649 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button AV3402649 Datasheet HTML 9Page - Panasonic Semiconductor AV3402649 Datasheet HTML 10Page - Panasonic Semiconductor AV3402649 Datasheet HTML 11Page - Panasonic Semiconductor AV3402649 Datasheet HTML 12Page - Panasonic Semiconductor AV3402649 Datasheet HTML 13Page - Panasonic Semiconductor AV3402649 Datasheet HTML 14Page - Panasonic Semiconductor AV3402649 Datasheet HTML 15Page - Panasonic Semiconductor AV3402649 Datasheet HTML 16Page - Panasonic Semiconductor AV3402649 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Technical Terminology & Cautions for Use
–3–
AECTB36E 201510-T
TECHNICAL NOTES ON ELECTRICAL CHARACTERISTICS
CAUTIONS IN A CIRCUIT
1) The snap-action switch is designed for AC operations. While it
has small contact gaps and no arc absorber, it may be used for
low-capacity DC operations.
Please refer to the rating of each products
2) For applications with very small switching voltage or current,
choose the low-level load type (Au contact).
3) When selecting a contact type of a snap-action switch to be
used for low-level load switching, the following should be noted.
Silver contacts’ surfaces are prone to be oxidized and form a
sulfide film. The switch operates with no problems at the
beginning of use. However, as the contact surfaces develop films
with time, the film may not be broken by the switching operation,
causing a conduction failure. Therefore, please choose the Au
contact type for switching a load of 0.1 A or below.
4) Application to Electronic Circuits
• The snap-action switch contacts can sustain bounce or chatter
when closed. Bounce or chatter can cause noise or pulse count
errors when the snap action switch is used in electronic circuits.
• If contact bounce or chatter poses problems in the vicinity of
the OP and RP, use a suitable absorption network, such as a C/
R network.
5) Check the surge current, normal current and surge duration.
6) Contact resistance given in performance specifications is
measured with a voltage drop method using 6 to 8 V DC, 1 A
(except for low-level load type). Contact resistance across COM
and NC terminals is measured in the free position, while contact
resistance across COM and NO terminals is measured in the
total travel position.
7) Ratings are measured under the following conditions:
Inductive load: Power factor 0.6 to 0.7
Time constant: 7 ms or less (DC)
8) To prevent contact welding failure, be sure to use a serial
resistance for each capacitive load.
9) If snap-action switch operation is synchronized with the AC
supply phase, this may cause: shortened electrical life, contact
fusion failure, contact transfer, or other reliability problems.
Small current and voltage application range (Au contact)
500
100
50
5
2
1
4
8
12
16
20
24
10
DC voltage (VDC)
1) Contact protection is recommended when snap-action
switches are used in an inductive load circuit.
2) Do not connect the
contacts on individual
switches to different
type or different poles of
the power supply.
Examples of power
supply connections
(connection to different
poles)
Example of wrong
power supply
connection (connection
to different poles of
power supply)
This may lead to mixed
DC and AC.
3) Avoid circuits which
apply voltage between
contacts. (This may lead
to mixed deposition.)
Circuit diagram
Cautions for use
Contact for snap-action switch
(1) r = more than 10
Ω
(2) In an AC circuit
Impedance of R is to be slightly smaller
than impedance of r and c.
Contact for snap-action switch
Can be used for both AC and DC.
Impedance of r is nearly equal to
impedance of R.
C: 0.1
μF
Contact for snap-action switch
(1) For DC circuits only.
Contact for snap-action switch
Can be used for both AC and DC.
rc
R
r
c
R
R
diode
R
ZNR
Varistor
PL
Wrong
Solenoid load
Lamp load
PL
Right
Solenoid load
Lamp load
Load connected to same pole
L
Load
L
Load
AC
DC
Wrong
Wrong
L
100V
200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com