Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6935 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6935 Datasheet HTML 2Page - STMicroelectronics L6935 Datasheet HTML 3Page - STMicroelectronics L6935 Datasheet HTML 4Page - STMicroelectronics L6935 Datasheet HTML 5Page - STMicroelectronics L6935 Datasheet HTML 6Page - STMicroelectronics L6935 Datasheet HTML 7Page - STMicroelectronics L6935 Datasheet HTML 8Page - STMicroelectronics L6935 Datasheet HTML 9Page - STMicroelectronics L6935 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Pins description and connection diagrams
L6935
6/20
19
ADJ
Feedback for the IC regulation.
Connecting this pin through a voltage divider to VOUT, it is possible to
program the output voltage between 0.5 V and 3.0 V.
20
SS
Soft-start pin. The soft-start time is programmed connecting an external
capacitor CSS from this pin to GND.
In steady state regulation, the voltage at this pin is 3.3 V.
PAD
GND
Ground connection. Connect to PCB GND Plane with enough VIAs to
improve thermal conductivity.
Table 2.
Pins descriptions (continued)
Pin #
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com