Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6935 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6935 Datasheet HTML 12Page - STMicroelectronics L6935 Datasheet HTML 13Page - STMicroelectronics L6935 Datasheet HTML 14Page - STMicroelectronics L6935 Datasheet HTML 15Page - STMicroelectronics L6935 Datasheet HTML 16Page - STMicroelectronics L6935 Datasheet HTML 17Page - STMicroelectronics L6935 Datasheet HTML 18Page - STMicroelectronics L6935 Datasheet HTML 19Page - STMicroelectronics L6935 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Demonstration board description
L6935
17/20
Different values for R1 are available in order to program the value of VOUT (R2 = 10 kΩ)
VOUT = 0.50 VDC @ R1 = 0 Ω
VOUT = 0.75 VDC @ R1 = 5 kΩ
VOUT = 1.00 VDC @ R1 = 10 kΩ
VOUT = 1.25 VDC @ R1 = 15 kΩ
VOUT = 1.50 VDC @ R1 = 20 kΩ
VOUT = 3.00 VDC @ R1 = 50 kΩ
Table 7.
L6935 demonstration board bill of material
Reference
Description
C1, C2, c3
Chip capacitor 100 nF - 6.3 V - X5R
C4
Murata chip capacitor (GRM31CR60J226K) 1206, X5R, 6.3-25V, 22
µF
C5
Murata chip capacitor (GRM31CR61E106K) 1206, X5R, 6.3-25V, 10
µF
C6
Not mounted
R1
Chip resistor 15
k
Ω +/-0.1% - 1/16 W
R2
Chip resistor 10
k
Ω +/-0.1% - 1/16 W
R3, R5
Chip resistor 10
k
Ω +/-5% - 1/16 W
R4
Chip resistor 0
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com