Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272L Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST10R272L
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST10R272L Datasheet HTML 6Page - STMicroelectronics ST10R272L Datasheet HTML 7Page - STMicroelectronics ST10R272L Datasheet HTML 8Page - STMicroelectronics ST10R272L Datasheet HTML 9Page - STMicroelectronics ST10R272L Datasheet HTML 10Page - STMicroelectronics ST10R272L Datasheet HTML 11Page - STMicroelectronics ST10R272L Datasheet HTML 12Page - STMicroelectronics ST10R272L Datasheet HTML 13Page - STMicroelectronics ST10R272L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
10/77
ST10R272L - PIN DESCRIPTION
P2.8 –
P2.11
90 - 93
I/O
5T
Port 2 is a 4-bit bidirectional I/O port. It is bit-wise programma-
ble for input or output via direction bits. For a pin configured as
input, the output driver is put into high-impedance state. Port 2
outputs can be configured as push/pull or open drain drivers.
The following Port 2 pins have alternate functions:
90
I
5T
P2.8
EX0IN
Fast External Interrupt 0 Input
...
...
...
...
...
...
93
I
5T
P2.11
EX3IN
Fast External Interrupt 3 Input
P7.0 –
P7.3
94 - 97
I/O
5T
Port 7 is a 4-bit bidirectional I/O port. It is bit-wise programma-
ble for input or output via direction bits. For a pin configured as
input, the output driver is put into high-impedance state. Port
7outputs can be configured as push/pull or open drain drivers.
The following Port 7 pins have alternate functions:
97
O
5T
P7.3
POUT3
PWM (Channel 3) Output
RPD
40
I/O
5T
Input timing pin for the return from powerdown circuit and
power-up asynchronous reset.
VDD
7, 28,
38, 49,
69, 78
-
PO
Digital supply voltage.
VSS
4, 27,
39, 50,
70, 77
-
PO
Digital ground.
1) The following I/O kinds are used.
Refer to ELECTRICAL CHARACTERISTICS on
page 40 for a detailed description.
PO: Power pin
3T: 3 V tolerant pin (voltage max. respect to Vss is -0.5 to VDD + 0.5)
5V: 5 V tolerant pin (voltage max. respect to Vss is -0.5 to 5.5 only if chip is powered)
5S: 5 V tolerant and fail-safe pin (-0.5-5.5 max. voltage w.r.t. Vss even if chip is not pow-
ered).
Table 1 Pin definitions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com