Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272L Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10R272L
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10R272L Datasheet HTML 14Page - STMicroelectronics ST10R272L Datasheet HTML 15Page - STMicroelectronics ST10R272L Datasheet HTML 16Page - STMicroelectronics ST10R272L Datasheet HTML 17Page - STMicroelectronics ST10R272L Datasheet HTML 18Page - STMicroelectronics ST10R272L Datasheet HTML 19Page - STMicroelectronics ST10R272L Datasheet HTML 20Page - STMicroelectronics ST10R272L Datasheet HTML 21Page - STMicroelectronics ST10R272L Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
18/77
ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC)
The Parallel Data Move shifts a table of operands in parallel with a computation on those
operands. Its specific use is for signal processing algorithms like filter computation. The
following figure gives an example of Parallel Data Move with CoMACM instruction.
16 x 16 signed/unsigned parallel multiplier
The multiplier executes 16 x 16-bit parallel signed/unsigned fractional and integer multiplies.
The multiplier has two 16-bit input ports, and a 32-bit product output port. The input ports can
accept data from the MA-bus and from the MB-bus. The output is sign-extended and then
feeds a scaler that shifts the multiplier output according to the shift mode bit MP specified in
the co-processor Control Word (MCW). The product can be shifted one bit left to compensate
for the extra sign bit gained in multiplying two 16-bit signed (2’s complement) fractional
numbers if bit MP is set.
40-bit signed arithmetic unit
The arithmetic unit over 32 bits wide to allow intermediate overflow in a series of multiply/
accumulate operations. The extension flag E, contained in the most significant byte of MSW,
is set when the Accumulator has overflowed beyond the 32-bit boundary, that is, when there
are significant (non-sign) bits in the top eight (signed arithmetic) bits of the Accumulator.
The 40-bit arithmetic unit has two 40-bit input ports A and B. The A-input port accepts data
from 4 possible sources: 00,0000,0000h, 00,0000,8000h (round), the sign-extended product,
or the sign-extended data conveyed by the 32-bit bus resulting from the concatenation of MA-
and MB-buses. Product and Concatenation can be shifted left by one according to MP for the
multiplier or to the instruction for the concatenation. The B-input port is fed either by the 40-bit
shifted/not shifted and inverted/not inverted accumulator or by 00,0000,0000h. A-input and B-
Figure 6 Example of parallel data move
CoMACM [IDX0+], [R2+]
X
n+2
n
n-2
n-4
16-bit
IDX0
X
X
n+2
n
n-2
n-4
IDX0
Parallel Data Move
After Execution
Before Execution
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com