Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FACKS Datasheet(PDF) 3 Page - TUK Ltd

Part # FACKS
Description  Category 5e Keystone Panel Mount Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACKS Datasheet(HTML) 3 Page - TUK Ltd

  FACKS Datasheet HTML 1Page - TUK Ltd FACKS Datasheet HTML 2Page - TUK Ltd FACKS Datasheet HTML 3Page - TUK Ltd FACKS Datasheet HTML 4Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Category 5e Keystone Panel Mount Coupler (Shielded)
Cat 6 Coupler Shielded (SACK2s)
Category 5e Keystone Panel Mount Coupler (FACKs)
Features
Designed to fit industry standard keystone sockets and patch panels
High performance data throughput, meets Category 5e data transfer rates
Unshielded versions available
Compatible 16 and 24 port patch panels available with or without cable management
Specifications
DIMENSIONS (mm) 30.4 x 17.2 x 20.9 approx
MATERIALS
Housing: ABS UL94V-0
Connectors: 50µ"/1.27µm gold plating over nickel plated phosphor bronze
Colour: Silver



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com