Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FACKS Datasheet(PDF) 1 Page - TUK Ltd

Part # FACKS
Description  Category 5e Keystone Panel Mount Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACKS Datasheet(HTML) 1 Page - TUK Ltd

  FACKS Datasheet HTML 1Page - TUK Ltd FACKS Datasheet HTML 2Page - TUK Ltd FACKS Datasheet HTML 3Page - TUK Ltd FACKS Datasheet HTML 4Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Category 5e Keystone Panel Mount Coupler
Category 5e Keystone Panel Mount Coupler
Features
High performance data throughput, meets Category 5e data transfer rates
Designed to fit industry standard keystone outlets and patch panels
Shielded version available (FACKs)
Compatible 16 and 24 port keystone patch panels available with or without cable management
Specifications
DIMENSIONS (mm) 29.5 x 16.9 x 21.8 approx
MATERIALS
Housing: ABS UL94V-0
Connectors: 50µ"/ 1.27µm gold plating over nickel plated phosphor bronze
Colour: Black, FACK2Bk and white, FACK2Wh
10112014


Similar Part No. - FACKS

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
FACKSDSPM TUK-FACKSDSPM Datasheet
1Mb / 3P
D UNIVERSAL RANGE
More results

Similar Description - FACKS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CC5E88IW PANDUIT-CC5E88IW Datasheet
157Kb / 1P
Mini-Com짰 Category 5e UTP Coupler Module
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
logo
Hubbell Incorporated.
HI6C HUBBELL-HI6C Datasheet
277Kb / 1P
Category 6 Copper Panel Mount Connectors Inline Coupler
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
Category 5e Jack
NSJ5EBK24 HUBBELL-NSJ5EBK24 Datasheet
374Kb / 1P
Category 5e Jack
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
Category 5e Jack
NSJ5EGY HUBBELL-NSJ5EGY Datasheet
285Kb / 1P
Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
Category 5e Jack
NSJ5EW HUBBELL-NSJ5EW Datasheet
296Kb / 1P
Category 5e Jack
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com