Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMU2A-R Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # CMU2A-R
Description  Multi-Industry General Purpose Smart Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CMU2A-R Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

Back Button CMU2A-R Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
File Name:CMU2-SPEC 2024-03-19
Multi-Industry General Purpose Smart Controller
CMU2 series
LED
Pin No.
Pin No.
Pin No.
Pin No.
Pin No.
Function
Function
Function
Function
Function
1
1
1
1
1
AC/N
RY1-NO
AOUT 1
DOUT 1
AIN 1
RY1-NC
GND
FG
GND
RY1-COM
AOUT 2
DOUT 2
AIN 2
AOUT 3
DOUT 3
AIN 3
AOUT 4
DOUT 4
AIN 4
AOUT 5
DOUT 5
AIN 5
RY2-NO
RY2-NC
RY2-COM
RY3-NO
RY3-NC
RY3-COM
RY4-NO
RY4-NC
RY4-COM
2
2
2,4,6,8,10
2,4,6,8,10
2,4,6,8,10
3
3
3
3
3
4
5
5
5
5
7
7
7
6
9
9
9
7
8
9
10
11
12
AC/L
FG
Green
Red
Description
Description
Description
Description
Description
Description
The power supply functions normally
AC input neutral wire
Normal-open contact of programmable relay1
The Analog output signal with GND as reference
The isolated digital output signal with FG as reference
Open collector signal, Max. singal voltage is 5V with FG as reference
The Analog input signal with GND as reference
The Analog output signal with GND as reference
The isolated digital output signal with FG as reference
Open collector signal, Max. singal voltage is 5V with FG as reference
The Analog input signal with GND as reference
Normal-close contact of programmable relay1
Common GND for AOUTx
Common FG for DOUTx
Common GND for AINx
Common for relay1 NO/NC contact
Normal-open contact of programmable relay2
Normal-close contact of programmable relay2
Common for relay2 NO/NC contact
Normal-open contact of programmable relay3
Normal-close contact of programmable relay3
Common for relay3 NO/NC contact
Normal-open contact of programmable relay4
Normal-close contact of programmable relay4
Common for relay4 NO/NC contact
The LED will present a constant red light when the abnormal status arises
AC input live wire
FG wire
※ LED Status Indicators & Corresponding Signal at Function Pins
※ AC IN Connector Pin No. Assignment (AC INPUT):
※ Relay Connector Pin No. Assignment (RELAY): DECA MX422-25412 or equivalent
※ AOUT Connector Pin No. Assignment (AOUT): HIROSE DF11-10 or equivalent
※ DOUT Connector Pin No. Assignment (DOUT): HIROSE DF11-10 or equivalent
※ AIN Connector Pin No. Assignment (AIN): HIROSE DF11-10 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com