Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMU2A-R Datasheet(PDF) 9 Page - Mean Well Enterprises Co., Ltd.

Part # CMU2A-R
Description  Multi-Industry General Purpose Smart Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CMU2A-R Datasheet(HTML) 9 Page - Mean Well Enterprises Co., Ltd.

Back Button CMU2A-R Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. CMU2A-R Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M4*25mm
Plastic wall plug
(M4*20mm)
230m
m
52m
m
Installation Instruction
ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15
(For reference only. Not included with unit.)
Back View
This series fits DIN rail TS35/7.5 or TS35/15.
For installation details, please refer to the Instruction manual.
Din Rail
Wallhanging
1
2
File Name:CMU2-SPEC 2024-03-19
Multi-Industry General Purpose Smart Controller
CMU2 series
Desktop
3
120mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com