Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 8Page - STMicroelectronics ST16 Datasheet HTML 9Page - STMicroelectronics ST16 Datasheet HTML 10Page - STMicroelectronics ST16 Datasheet HTML 11Page - STMicroelectronics ST16 Datasheet HTML 12Page - STMicroelectronics ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics ST16 Datasheet HTML 15Page - STMicroelectronics ST16 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
6/15
ST16-19RFRDCS
FSD_CHIPSET_B/0104VP2
1.5 STATUS REGISTER
There is only one status register (for reception). This register can be read at the end of each reception. Its
contents is modified by the end of frame interruption. It provides the status of the last received frame.
In order to access this register, after the last byte received in reception, take the Mic_Ctrl_Data line high
and then read the data.
Rx_Speed_Value: Reception Rate ("00"=106K, "01"=212K, "10"=424K, "11"=424K). Comment: If the
configuration bit Rx_Speed_Config is setting the speed, these bits are the same as configuration bits.
Rx_CRC_OK: CRC Status of the frame (’1’= Wrong, ’0’= OK).
Rx_EGT_TooLong: Bit used to indicate EGT overrun during reception.
Rx_Bad_StopBit: Bit used to indicate if a stop bit wasn’t at ’1’ during frame reception.This is may be due
to bad synchronization.
If there is any mistake during the reception, this one will be stopped. In this case, the status register must
be read to know the failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com