Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 10Page - STMicroelectronics ST16 Datasheet HTML 11Page - STMicroelectronics ST16 Datasheet HTML 12Page - STMicroelectronics ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics ST16 Datasheet HTML 15Page - STMicroelectronics ST16 Datasheet HTML 16Page - STMicroelectronics ST16 Datasheet HTML 17Page - STMicroelectronics ST16 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
8/15
ST16-19RFRDCS
FSD_CHIPSET_B/0104VP2
1.6.2 Status register
The mapping of the different state bits is given by the following table:
Table 3 : Reception status register description
1.7 FPGA PIN-OUT & CHIP SET BLOCK DIAGRAM
The FPGA pin-out is given by the list below:
Table 4 : FPGA pin out
"Address
"Description
’0
Reception Control
bit [1:0]:
Rx_Speed_Value
"00" = 106K
"01" = 212K
"10" & "11"= 424K
bit 2:
Rx_CRC_OK
’0’ = CRC OK
’1’ = CRC Wrong
bit 3:
Rx_EGT_TooLong
‘0' = EGT OK
'1' = EGT too long
bit 4:
Rx_Bad_StopBit
‘0' = Stop Bit Value OK '1' = Stop Bit wrong => frame wrong?
bit 5:
ST Reserved => read at '0'
bit 6:
ST Reserved => read at '0'
bit 7:
ST Reserved => read at '0'
Signal
Site
clk1356
P2
mic_ctrl_ndata
P176
mic_data<0>
P184
mic_data<1>
P185
mic_data<2>
P186
mic_data<3>
P187
mic_data<4>
P188
mic_data<5>
P189
mic_data<6>
P190
mic_data<7>
P191
mic_r_nw
P181
mic_strb_b
P179
reset
P102
rx_bpsk_in
P48
rx_fifo_empty
P89
rx_irq_eof
P180
rx_valid
P198
tx_fifo_empty
P29
tx_start
P30
tx_streamout
P37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com