Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP80001 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP80001
Description  800MHz Low-loss SAW Filter 53MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP80001 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP80001 Datasheet HTML 1Page - SIPAT Co,Ltd SP80001 Datasheet HTML 2Page - SIPAT Co,Ltd SP80001 Datasheet HTML 3Page - SIPAT Co,Ltd SP80001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP80001
Rev. Date
2007-04-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
800MHz Low-loss SAW Filter
53MHz Bandwidth
Part Number: SP80001
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
800
-
Insertion Loss
dB
-
2
5
1 dB Bandwidth
MHz
-
36.24
-
3 dB Bandwidth
MHz
53.3
55
-
35 dB Bandwidth
MHz
-
134.53
55
Passband Variation(f0±20MHz)
dB
-
0.1
1
Absolute Delay
usec
-
0.02
-
Group Delay Variation(f0±20MHz)
nsec
-
8
20
690~770MHz
dB
3
11
-
830~910MHz
dB
3
4
-
1~690MHz
dB
35
48
-
Ultimate Rejection
910~1000MHz
dB
35
50
-
Material Temperature coefficient
KHz/°C
-54.4
Ambient Temperature
°C
25
Package Size
SMD3.8*3.8
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - SP80001

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
logo
Analogix Semiconductor,...
SP8001 ANALOGIX-SP8001 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
SP8001 ANALOGIX-SP8001 Datasheet
251Kb / 2P
SlimPort® USB-C™ to HDMI® Adapter
March 2017
logo
List of Unclassifed Man...
SP8003 ETC2-SP8003 Datasheet
297Kb / 4P
Very High Accuracy, Low Noise, Sample-and-Hold Amplifier
logo
SamHop Microelectronics...
SP8005 SAMHOP-SP8005 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
More results

Similar Description - SP80001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS22 SIPAT-LB140DS22 Datasheet
152Kb / 3P
140MHz Low-loss SAW Filter 0.55MHz Bandwidth
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 4.5MHz Bandwidth
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
SP50001 SIPAT-SP50001 Datasheet
155Kb / 4P
500MHz Low-loss SAW Filter 45MHz Bandwidth
SP55001 SIPAT-SP55001 Datasheet
155Kb / 4P
550MHz Low-loss SAW Filter 45MHz Bandwidth
SP70001 SIPAT-SP70001 Datasheet
157Kb / 4P
700MHz Low-loss SAW Filter 47MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
165Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Golledge Electronics Lt...
MP02939 GOLLEDGE-MP02939 Datasheet
393Kb / 5P
SAW Filter 800MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com