Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP80001 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP80001
Description  800MHz Low-loss SAW Filter 53MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP80001 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP80001 Datasheet HTML 1Page - SIPAT Co,Ltd SP80001 Datasheet HTML 2Page - SIPAT Co,Ltd SP80001 Datasheet HTML 3Page - SIPAT Co,Ltd SP80001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP80001
Rev. Date
2007-04-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
800MHz Low-loss SAW Filter
53MHz Bandwidth
Part Number: SP80001
Typical Performance
Frequency Respond
Passband Respond
650
700
750
800
850
900
950
-71.892
-61.892
-51.892
-41.892
-31.892
-21.892
-11.892
-1.892
8.108
Type Performance
Frequency(MHz)
3dB CF = 801.7968MHz
1dB = 36.2362MHz
3dB = 54.9921MHz
35dB = 134.5301MHz
Insert Loss = -1.892dB
Pass band Ripple = 0.020407dB
Ultim ate Rejection = 37.9633dB
Group Delay = 3.4977ns
Phas e Linearity = 4.9095deg
Absolute Delay = 20.978ns
Horizontal: 50MHz/Div
Vertical: 10dB/Div
720
740
760
780
800
820
840
860
880
-3.892
-3.392
-2.892
-2.392
-1.892
-1.392
-0.892
-0.392
Horizontal: 20MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±20MHz)
Phase Linearity(f0±20MHz)
740
760
780
800
820
840
860
0
5
10
15
20
25
30
35
40
X: 800
Y: 20.46
Type Performance
Frequency(MHz)
X: 819.9
Y: 21.96
X: 780.1
Y: 28.04
Horizontal: 20MHz/Div
Vertical: 5ns/Div
740
760
780
800
820
840
860
-40
-30
-20
-10
0
10
20
30
40
X: 800
Y: -1.607
Type Performance
Frequency(MHz)
X: 819.9
Y: 1.947
X: 780.1
Y: 11.02
Horizontal: 20MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com