Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST18952 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 31Page - STMicroelectronics ST18952 Datasheet HTML 32Page - STMicroelectronics ST18952 Datasheet HTML 33Page - STMicroelectronics ST18952 Datasheet HTML 34Page - STMicroelectronics ST18952 Datasheet HTML 35Page - STMicroelectronics ST18952 Datasheet HTML 36Page - STMicroelectronics ST18952 Datasheet HTML 37Page - STMicroelectronics ST18952 Datasheet HTML 38Page - STMicroelectronics ST18952 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
35/66
ST18952
10
SIO
The ST18952 has two synchronous serial input/output (SIO) ports which link to serial devices
such as codecs and to other processors.
The SIO ports work in DMA mode. SIO0 uses channels 0 and 1 of the DMA controller, SIO1
uses channels 2 and 3. The chip must be configured for SIO using the DMAR system register
(”DMAR: DMA management register” on page 44). For SIO port 0, bits 1 and 0 of the DMAR
register must be reset to inhibit external DMA requests (1 and 0) and to allow SIO port 0
communication with the outside. For SIO port 1, bits 3 and 2 of the DMAR register must be
reset to inhibit external DMA requests (3 and 2) and to allow SIO port 1 communication with
the outside.
The SIO ports have the following features:
• double-buffered full-duplex operation
• frequency up to D950 input clock (33 Mbps for 66 MHz D950)
• programmable functions
word length: 8/16 bits (msb first)
up to 8 words per frame
frequency prescaler (by 1 or 3) and divider (by 21 to 28)
synchronization signal: bit length/word length, delayed/not delayed, active level
clock signal: internal/external, active edge
• 4 status flags / 2 enabled interrupt requests
• data transfers between SIO and memories using DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com