Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST18952 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 34Page - STMicroelectronics ST18952 Datasheet HTML 35Page - STMicroelectronics ST18952 Datasheet HTML 36Page - STMicroelectronics ST18952 Datasheet HTML 37Page - STMicroelectronics ST18952 Datasheet HTML 38Page - STMicroelectronics ST18952 Datasheet HTML 39Page - STMicroelectronics ST18952 Datasheet HTML 40Page - STMicroelectronics ST18952 Datasheet HTML 41Page - STMicroelectronics ST18952 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
38/66
ST18952
SCR writes must be made when the SIO is disabled (SEN bit of the SIO enable register is
‘0’)SMS:
SSM
SIO Frame synchro mode
The SFS frame synchro is generated one clock cycle before the first data of the frame
(delayed mode) when SSM = ‘0’ (reset value) or when first data is transmitted/received
(non-delayed mode) when SSM = ‘1’.
SWN(2:0)
SIO word number (SWN(2) = msb)
SWN determines the number of words inserted in the frame (up to 8). The coding is as
follows:
SWN = “0” -> 1 time slot
SWN = “1” -> 2 time slots
...
SWN = “7” -> 8 time slots
The reset value is SWN = “0”
STIE
SIO Transmit interrupt enable
When STIE = ‘1’, interrupt request generated on the STI output when STDE flag = ‘1’.
When STIE = ‘0’ (reset value), the STI output is disabled (‘1’)
SRIE
SIO Receive interrupt enable
When SRIE = ‘1’, interrupt request generated on SRI output when the SRDF flag = ‘1’.
When SRIE = ‘0’ (reset value), the SRI output is disabled (‘1’)
SMEM
SIO Microwire enable: Must be set to 0 (normal mode)
SLL
SIO Local loop
When SLL = ‘1’, the STD output is internally linked to the SRD input. This allows the
SIO behavior to be checked without providing data on the SRD input.
When SLL = ‘0’ (reset value), the SRD input is enabled
Bits 15-14
Unused and are read as ‘0’
Bit
Function
SMS
SIO Mode select: Must be set to 0 (normal mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com