Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2006-02A Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M2006-02A
Description  VCSO BASED FEC CLOCK PLL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2006-02A Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M2006-02A Datasheet HTML 1Page - Integrated Circuit Systems M2006-02A Datasheet HTML 2Page - Integrated Circuit Systems M2006-02A Datasheet HTML 3Page - Integrated Circuit Systems M2006-02A Datasheet HTML 4Page - Integrated Circuit Systems M2006-02A Datasheet HTML 5Page - Integrated Circuit Systems M2006-02A Datasheet HTML 6Page - Integrated Circuit Systems M2006-02A Datasheet HTML 7Page - Integrated Circuit Systems M2006-02A Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M2006-02A Datasheet Rev 1.0
4 of 8
Revised 28Jul2004
I n teg r at ed Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● te l (5 08 ) 8 5 2 - 54 00
Integrated
Circuit
Systems, Inc.
M2006-02A
VCSO BASED FEC CLOCK PLL
Prod uct Data Sh eet
The PLL
The PLL uses a phase detector and configurable
dividers to synchronize the output of the VCSO with
selected reference clock.
The “Mfin Divider” and “Mfec Divider” divide the VCSO
frequency, feeding the result into the phase detector.
The selected input reference clock is divided by the
“Rfec Divider”. The result is fed into the other input of
the phase detector.
The phase detector compares its two inputs. It then
outputs pulses to the loop filter as needed to increase or
decrease the VCSO frequency and thereby match and
lock the divider output’s frequency and phase to those
of the input reference clock.
Due to the narrow tuning range of the VCSO
(+200ppm), appropriate selection of all of the following
are required for the PLL be able to lock: VCSO center
frequency, input frequency, and divider selections.
Maintaining PLL Lock:
The narrow tuning range of the VCSO requires that the
input reference frequency must remain suitable for the
current look-up table selection. For example, when
switching between “Inverse FEC ratio” and “Non-FEC
ratio” look-up table selections (see Table 5 on pg. 3), the
input reference frequency must change accordingly in
order for the PLL to lock.
An out-of-lock condition due to an inappropriate
configuration will typically result in the VCSO
operating at its lower or upper frequency rail,
which is approximately 200ppm above or below
the nominal VCSO center frequency.
Relationship Among Frequencies and Dividers
The VCSO center frequency must be specified at time
of order. The relationship between the VCSO (Fvcso)
frequency, the Mfin divider, the Mfec divider, the Rfec
divider, and the input reference frequency (Fin) is:
As an example, for the M2006-02A-622.0800, the non-FEC
and inverse-FEC PLL ratios in Table 5 enable use with
these corresponding input reference frequencies:
Outputs
The M2006-02A provides a total of two differential
LVPECL output pairs: FOUT1 and FOUT0. Because each
output pair has its own P divider, the FOUT1 pair and the
FOUT0
can output the two different frequencies at the
same time. For example, FOUT1 can output 155.52MHz
while FOUT0 outputs 622.08MHz.
Any unused output should be left unconnected
(floating) in the system application. This will
minimize output switching current and therefore
minimize noise modulation of the VCSO.
M2006-02A-622.0800
M2006-02A-622.0800
VCSO Clock
Frequency (MHz)
FEC Ratio
=
Base Input Ref.
Frequency (MHz) 1
Note 1: Input reference clock (“Fin”) can be the base frequency
shown divided by “Mfin” (as shown in Table 4 on pg. 3).
622.08
1
/
1
622.0800
238
/ 255
666.5143
237
/ 255
669.3266
236
/ 255
672.1627
Table 7: Example FEC PLL Rations and Input Reference Frequencies
Fvcso
Fin
Mfin
×
Mfec
Rfec
--------------
×
=
÷



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com