Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2006-02A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M2006-02A
Description  VCSO BASED FEC CLOCK PLL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2006-02A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M2006-02A Datasheet HTML 1Page - Integrated Circuit Systems M2006-02A Datasheet HTML 2Page - Integrated Circuit Systems M2006-02A Datasheet HTML 3Page - Integrated Circuit Systems M2006-02A Datasheet HTML 4Page - Integrated Circuit Systems M2006-02A Datasheet HTML 5Page - Integrated Circuit Systems M2006-02A Datasheet HTML 6Page - Integrated Circuit Systems M2006-02A Datasheet HTML 7Page - Integrated Circuit Systems M2006-02A Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
M2006-02A Datasheet Rev 1.0
Revised 28Jul2004
Integr ated Circuit Systems , Inc. ● Ne tw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (508 ) 85 2-5 400
M2006-02A
VCSO BASED FEC CLOCK PLL
Integrated
Circuit
Systems, Inc.
Product Data Sheet
GENERAL DESCRIPTION
The M2006-02A is a VCSO (Voltage Controlled SAW
Oscillator) based clock generator
PLL designed for clock frequency
translation and jitter attenuation.
The device supports both forward
and inverse FEC (Forward Error
Correction) clock multiplication
ratios. Multiplication ratios are
pin-selected from pre-programming look-up tables.
FEATURES
◆ Reduced intrinsic output jitter and improved power
supply noise rejection compared to M2006-02
◆ Low phase jitter of 0.25 ps rms typical
(12kHz to 20MHz or 50kHz to 80MHz)
◆ Pin-selectable PLL divider ratios support forward and
inverse FEC ratio translation, including:
• 255/238 (OTU1) Mapping and 238/255 De-mapping
• 255/237 (OTU2) Mapping and 237/255 De-mapping
• 255/236 (OTU3) Mapping and 236/255 De-mapping
◆ Input reference and VCSO frequencies up to 700MHz,
supports loop timing modes
(Specify VCSO frequency at time of order)
◆ Supports active switching between inverse-FEC and
non-FEC clock ratios (same VCSO center frequency)
◆ Ideal for complex ratio FEC ratio translation and
for use with an unstable reference (i.e., similar to the
M2006-12A - and pin-compatible - but without the
Hitless Switching and Phase Build-out functions)
◆ Single 3.3V power supply
◆ Small 9 x 9 mm SMT (surface mount) package
PIN ASSIGNMENT (9 x 9 mm SMT)
Figure 1: Pin Assignment
Example I/O Clock Combinations
SIMPLIFIED BLOCK DIAGRAM
Figure 2: Simplified Block Diagram
Using M2006-02A-622.0800
PLL Ratio
Input Clock (MHz)
Output Clock (MHz)
1/1
622.08, 155.52,
77.76, or 19.44
622.08
or
155.52
237/255
(inverse FEC)
669.3266, 167.3316,
83.6658, or 20.9165
Table 1: Example I/O Clock Combinations Using M2006-02A-622.0800
Using M2006-02A-669.3266
PLL Ratio
Input Clock (MHz)
Output Clock (MHz)
237/255
(FEC rate)
622.08, 155.52,
77.76, or 19.44
669.3266
or
167.3316
1/1
669.3266, 167.3316,
83.6658, or 20.9165
Table 2: Example I/O Clock Combinations Using M2006-02A-669.3266
M 200 6- 02
( T op View )
18
17
16
15
14
13
12
11
10
28
29
30
31
32
33
34
35
36
P0_SEL
P1_SEL
nFOUT0
FOUT0
GND
nFOUT1
FOUT1
VCC
GND
FIN_SEL0
FEC_SEL0
FEC_SEL1
FEC_SEL2
FEC_SEL3
VCC
DNC
DNC
DNC
A
Rfec Div
Mfec Div
Mfec / Rfec
Divider LUT
Mfin Divider
LUT
FIN_SEL1:0
REF_SEL
DIF_REF0
nDIF_REF0
DIF_REF1
nDIF_REF1
P0_SEL
P1_SEL
VCSO
0
1
M2006-02
FOUT0
nFOUT0
FOUT1
nFOUT1
FEC_SEL3:0
4
2
P0 Div
(1 or 4)
Mfin Div
(1, 4, 8, or 32)
P1 Div
(1 or 4)
Loop
Filter
A
M2006-02A VCSO Based FEC Clock PLL


Similar Part No. - M2006-02A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
Rev 2.2
More results

Similar Description - M2006-02A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
Rev 2.2
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
VCSO BASED GBE CLOCK GENERATOR
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Rev 0.4
M1040 ICST-M1040 Datasheet
436Kb / 12P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 0.1
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
Rev 1.0
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
VCSO BASED CLOCK PLL
Rev 1.0
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
VCSO BASED CLOCK JITTER ATTENUATOR
Rev 0.4
M1033 ICST-M1033 Datasheet
198Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
VCSO BASED GBE CLOCK GENERATOR
Rev 3.2
M1025 ICST-M1025 Datasheet
340Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com