Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-GP1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 59Page - STMicroelectronics ST20-GP1 Datasheet HTML 60Page - STMicroelectronics ST20-GP1 Datasheet HTML 61Page - STMicroelectronics ST20-GP1 Datasheet HTML 62Page - STMicroelectronics ST20-GP1 Datasheet HTML 63Page - STMicroelectronics ST20-GP1 Datasheet HTML 64Page - STMicroelectronics ST20-GP1 Datasheet HTML 65Page - STMicroelectronics ST20-GP1 Datasheet HTML 66Page - STMicroelectronics ST20-GP1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
ST20-GP1
63/116
®
Watchdog timer
The low power alarm counter is set to operate as a watchdog timer by setting the WdEnable
register to 1. This disables entering low power mode when starting the timer. The low power alarm
is programmed and started as normal.
The WdFlag register can be read to determine if the device was reset by the notRST input or by a
watchdog time-out.
When the low power alarm counts down to the value #1, the notWdReset pin is asserted low for 1
low power clock cycle. In addition an internal reset of the ST20-GP1 is performed.
10.3 Low power configuration registers
The low power controller is allocated a 4k block of memory in the internal peripheral address
space. Information on low power mode is stored in registers as detailed in the following section.
The registers can be examined and set by the
devlw (device load word) and devsw (device store
word) instructions, see Table 6.19 on page 43. Note, they can not be accessed using memory
instructions.
LPTimerLS and LPTimerMS
The LPTimerLS and LPTimerMS registers are the least significant word and most significant word
of the LPTimer register. This enables the least significant or most significant word to be written
independently without affecting the other word.
Table 10.2 LPTimerLS register format
Table 10.3 LPTimerMS register format
When the LPTimer register is written, the low power timer is stopped and the new value is
available to be written to the low power timer.
LPTimerStart
A write to the LPTimerStart register starts the low power timer counter. The counter is stopped
and the LPTimerStart register reset if either counter word (LPTimerLS and LPTimerMS) is
written.
Note, setting the LPTimerStart register to zero does not stop the timer.
Table 10.4 LPTimerStart register format
LPTimerLS
LPC base address + #400
Read/Write
Bit
Bit field
Function
31:0
LPTimerLS
Least significant word of the low power timer.
LPTimerMS
LPC base address + #404
Read/Write
Bit
Bit field
Function
31:0
LPTimerMS
Most significant word of the low power timer.
LPTimerStart
LPC base address + #408
Write
Bit
Bit field
Function
0
LPTimerStart
A write to this bit starts the low power timer counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com