Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-GP1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 17Page - STMicroelectronics ST20-GP1 Datasheet HTML 18Page - STMicroelectronics ST20-GP1 Datasheet HTML 19Page - STMicroelectronics ST20-GP1 Datasheet HTML 20Page - STMicroelectronics ST20-GP1 Datasheet HTML 21Page - STMicroelectronics ST20-GP1 Datasheet HTML 22Page - STMicroelectronics ST20-GP1 Datasheet HTML 23Page - STMicroelectronics ST20-GP1 Datasheet HTML 24Page - STMicroelectronics ST20-GP1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
ST20-GP1
21/116
®
the last component, the counter is non zero and the component is descheduled. For the last
component, the counter is zero and the main process continues.
4.3
Priority
The following section describes ‘default’ behavior of the CPU and it should be noted that the user
can alter this behavior, for example, by disabling timeslicing and priority interrupts.
The processor can execute processes at one of two priority levels, one level for urgent (high
priority) processes, one for less urgent (low priority) processes. A high priority process will always
execute in preference to a low priority process if both are able to do so.
High priority processes are expected to execute for a short time. If one or more high priority
processes are active, then the first on the queue is selected and executes until it has to wait for a
communication, a timer input, or until it completes processing.
If no process at high priority is active, but one or more processes at low priority are active, then one
is selected. Low priority processes are periodically timesliced to provide an even distribution of
processor time between computationally intensive tasks.
If there are
n low priority processes, then the maximum latency from the time at which a low priority
process becomes active to the time when it starts processing is the order of 2
n timeslice periods. It
is then able to execute for between one and two timeslice periods, less any time taken by high
priority processes. This assumes that no process monopolizes the CPU’s time; i.e. it has frequent
timeslicing points.
The specific condition for a high priority process to start execution is that the CPU is idle or running
at low priority and the high priority queue is non-empty.
If a high priority process becomes able to run whilst a low priority process is executing, the low
priority process is temporarily stopped and the high priority process is executed. The state of the
low priority process is saved into ‘shadow’ registers and the high priority process is executed.
When no further high priority processes are able to run, the state of the interrupted low priority
process is re-loaded from the shadow registers and the interrupted low priority process continues
executing. Instructions are provided on the processor core to allow a high priority process to store
the shadow registers to memory and to load them from memory. Instructions are also provided to
allow a process to exchange an alternative process queue for either priority process queue (see
Table 6.21 on page 43). These instructions allow extensions to be made to the scheduler for
custom runtime kernels.
A low priority process may be interrupted after it has completed execution of any instruction. In
addition, to minimize the time taken for an interrupting high priority process to start executing, the
potentially time consuming instructions are interruptible. Also some instructions are abortable and
are restarted when the process next becomes active (refer to the Instruction Set chapter).
4.4
Process communications
Communication between processes takes place over channels, and is implemented in hardware.
Communication is point-to-point, synchronized and unbuffered. As a result, a channel needs no
process queue, no message queue and no message buffer.
A channel between two processes executing on the same CPU is implemented by a single word in
memory; a channel between processes executing on different processors is implemented by point-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com