Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20CX Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 16Page - STMicroelectronics ST20CX Datasheet HTML 17Page - STMicroelectronics ST20CX Datasheet HTML 18Page - STMicroelectronics ST20CX Datasheet HTML 19Page - STMicroelectronics ST20CX Datasheet HTML 20Page - STMicroelectronics ST20CX Datasheet HTML 21Page - STMicroelectronics ST20CX Datasheet HTML 22Page - STMicroelectronics ST20CX Datasheet HTML 23Page - STMicroelectronics ST20CX Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 212 page
background image
®
20/212
3
Registers
3.1
Machine registers
This section introduces the ST20 processor registers that are visible to the
programmer. Firstly the set of registers known as state registers are presented and
discussed. These fully define the state of the executing process. Secondly the other
registers of interest to the programmer, are presented.
3.1.1
Process state registers
The state of a executing process at any instant is defined b y the contents of the
machine registers listed in Table 3.1. The ‘register’ column gives the abbreviated
name of the register. The ‘full name / description’ column provides the full textual
name which is usually used when referencing a register in this manual; and where
unclear, a brief description of the information contained in this register.
In addition there is a small number of registers used to implement block moves.
Status register
The Status register contains status bits which describe the current state of the
process and any errors which may have occurred. The contents of the Status register
are shown in Table 3.2.
‘Shadow’ registers
When a high priority process interrupts a low priority process, the state of the currently
executing process needs to be saved. For this purpose, two sets of process state
registers are provided, one each for high and low priority. On interrupt, the processor
switches to using the high priority registers, leaving the low priority registers to
preserve the low priority state.
A high priority process may manipulate the low priority ‘shadow’ registers with the
instructions
ldshadow and stshadow. In the definitions of these instructions, the
process state registers have a subscript (e.g. Areg[LowPriority]) indicating the priority.
register
full name / description process modes
Status
status register
Wptr
workspace pointer - contains the address of the workspace of the currently execut-
ing process
Iptr
instruction pointer register - pointer to next instruction to be executed
Areg
integer stack register A
Breg
integer stack register B
Creg
integer stack register C
Table 3.1 Process state registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com