Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20CX Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 20Page - STMicroelectronics ST20CX Datasheet HTML 21Page - STMicroelectronics ST20CX Datasheet HTML 22Page - STMicroelectronics ST20CX Datasheet HTML 23Page - STMicroelectronics ST20CX Datasheet HTML 24Page - STMicroelectronics ST20CX Datasheet HTML 25Page - STMicroelectronics ST20CX Datasheet HTML 26Page - STMicroelectronics ST20CX Datasheet HTML 27Page - STMicroelectronics ST20CX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 212 page
background image
®
24/212
otherwise. The
ErrorFlags may also be set by the seterr instruction or tested and
cleared by the
testerr instruction. The stoperr instruction stops the current process if
the
ErrorFlag is set. The low priority ErrorFlag is copied to the high priority when the
processor switches from low to high priority. The
HaltOnError flag ma y be set by the
sethalterr instruction, cleared by clrhalterr and tested by testhalterr.
3.2
The process descriptor and its associated register fields
In order to identify a process completely it is necessary to know: its workspace
address (in which the byte selector is always 0), and its priority (high or low). This
information is contained in the process descriptor. The workspace address of the
currently executing process is held in the workspace pointer register (Wptr) and the
priority is held in the flag Priority.
Wptr points to the current process workspace, which is always word-aligned. Priority
is the priority of the currently executing process where the value 1 indicates low
priority and 0 indicates high priority.
The process descriptor is formed from a pointer to the process workspace or-ed with
the priority flag at bit 0. Bit 1 is always set to 0.
Wdesc is defined so that the following invariants are obeyed:
Wptr = Wdesc
∧ WordSelectMask
Priority = Wdesc
∧ 1
Figure 3.1 Constituents of a process descriptor
Workspace address
21
0
Priority
0
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com