Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST232BW Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST232BW
Description  5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232BW Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST232BW Datasheet HTML 3Page - STMicroelectronics ST232BW Datasheet HTML 4Page - STMicroelectronics ST232BW Datasheet HTML 5Page - STMicroelectronics ST232BW Datasheet HTML 6Page - STMicroelectronics ST232BW Datasheet HTML 7Page - STMicroelectronics ST232BW Datasheet HTML 8Page - STMicroelectronics ST232BW Datasheet HTML 9Page - STMicroelectronics ST232BW Datasheet HTML 10Page - STMicroelectronics ST232BW Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
P001C
Plastic DIP-16 (0.25) MECHANICAL DATA
ST232
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com