Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST232BW Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST232BW
Description  5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232BW Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST232BW Datasheet HTML 3Page - STMicroelectronics ST232BW Datasheet HTML 4Page - STMicroelectronics ST232BW Datasheet HTML 5Page - STMicroelectronics ST232BW Datasheet HTML 6Page - STMicroelectronics ST232BW Datasheet HTML 7Page - STMicroelectronics ST232BW Datasheet HTML 8Page - STMicroelectronics ST232BW Datasheet HTML 9Page - STMicroelectronics ST232BW Datasheet HTML 10Page - STMicroelectronics ST232BW Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.1
0.433
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.85
0.9
0.95
0.335
0.354
0.374
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
4.9
5
5.1
0.193
0.197
0.201
E
6.25
6.4
6.5
0.246
0.252
0.256
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0
o
4
o
8
o
0
o
4
o
8
o
L
0.50
0.60
0.70
0.020
0.024
0.028
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
TSSOP16 MECHANICAL DATA
ST232
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com