Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5621 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5621
Description  SMALL-SIGNAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5621 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5621 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MARKING
G
W
TYPE NAME
hFE ITEM
2SC5621
〈SMALL-SIGNAL TRANSISTOR〉
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
DESCRIPTION
FEATURE
APPLICATION
・Super mini package for easy mounting.
・High gain bandwidth product.
fT=4.5GHz
For TV tuners,high frequency amplifier,celluar phone
system.
・High gain,low noise.
・Can operate at low voltage.
2SC5621 is a super mini package resin sealed silicon NPN
epitaxial transistor.It is designed for high frequency
application.
OUTLINE DRAWING
Unit:mm
TERMINAL CONNECTOR
1
: BASE
2
: EMITTER
3
: COLLECTOR
EIJA:
MAXIMUM RATINGS (Ta=25℃)
VCBO
I C
PC
Tj
Tstg
20
50
+125
-55~+125
V
mA
mW
℃
℃
Symbol
Parameter
Collector to Base voltage
Collector current
Collector dissipation
Junction temperature
Storage temprature
Ratings
Unit
VEBO
V
Emitter to Base voltage
VCEO
12
V
Collector to Emitter voltage
100
3
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Unit
I CBO
f T
Cob
NF
VCB=10V, I E=0mA
VCE=5V, I E=20mA
VCB=5V, I E=0mA, f =1MHz
VCE=5V, I C=20mA, f =1GHz
VCE=5V, I C=5mA, f =1GHz
Gain bandwidth product
Collector output capacitance
Insertion power gain
Noise figure
I EBO
VEB=1V, IC=0mA
Emitter cut off current
hFE
VCE=5V, I C=20mA
DC forward current gain
S21
2
Collector cut off current
1.0
1.0
50
250
4.5
1.0
7.5
9.0
1.5
μA
μA
GHz
pF
dB
dB
0.8
0.4
0.4
1.6
1
2
3


Similar Part No. - 2SC5621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5621 ETC-2SC5621 Datasheet
133Kb / 5P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SC5621 ISAHAYA-2SC5621 Datasheet
188Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5621 ISAHAYA-2SC5621_13 Datasheet
188Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - 2SC5621

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com