Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5621 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # 2SC5621
Description  SMALL-SIGNAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5621 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  2SC5621 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
直流電流増幅率−コレク
1
10
100
1000
0.1
1
10
100
コレクタ電流 IC
Ta=25℃
VCE=5V
エミッタ接地伝達
0.001
0.01
0.1
1
10
100
0.5
0.6
0.7
0.8
0.9
1
ベース・エミッタ間電圧 V
Ta=25℃
VCE=5
利得帯域幅積−コレク
0.10
1.00
10.00
0.1
1.010.0
100.0
コレクタ電流 IC
Ta=25℃
VCE=5
電力利得−コレクタ
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
0.11.010.0
100.0
コレクタ電流 IC
Ta=25
VCE=5
f=0.5GH
f=1.0GH
コレクタ出力容量−
コレクタ・ベース間電圧特性
0.1
1.0
10.0
0.1
1
10
100
コレクタ・ベース間電圧 V
CB
(V)
Ta=25℃
IE=0mA
f=1MHz
雑音指数−コレクタ電流特性
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
コレクタ電流 I
C
(mA)
Ta=25℃
VCE=5V
f=1.0GHz
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
COLLECTOR CURRENT
IC(mA)
GAIN BANDWIDTH PRODUCT
VS. COLLECTOR CURRENT
COLLECTOR CURRENT
IC(mA)
COMMON EMITTER TRANSFER
BASE TO EMITTER VOLTAGE
VBE(V)
POWER GAIN VS. COLLECTOR CURRENT
COLLECTOR CURRENT
IC(mA)
COLLECTOR OUTPUT CAPACITANCE
VS. COLLECTOR TO BASE VOLTAGE
COLLECTOR TO BASE VOLTAGE
VCB(V)
NOISE FIGURE VS. COLLECTOR CURRENT
COLLECTOR CURRENT
IC(mA)
2SC5621
〈SMALL-SIGNAL TRANSISTOR〉
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com