Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST40RA Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 83Page - STMicroelectronics ST40RA Datasheet HTML 84Page - STMicroelectronics ST40RA Datasheet HTML 85Page - STMicroelectronics ST40RA Datasheet HTML 86Page - STMicroelectronics ST40RA Datasheet HTML 87Page - STMicroelectronics ST40RA Datasheet HTML 88Page - STMicroelectronics ST40RA Datasheet HTML 89Page - STMicroelectronics ST40RA Datasheet HTML 90Page - STMicroelectronics ST40RA Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
B Implementation restrictions
ST40RA
87/94
STMicroelectronics
ADCS 7260755H
B
Implementation restrictions
B.1
ST40 CPU
B.1.1
tas.b
The atomicity of the tas.b instruction is only guaranteed for processes executing on the ST40 CPU
core and should not be used to implement intermodule or interchip semaphores. Either use the
mailbox functionality or an appropriate software algorithm for such semaphores.
B.1.2
Store queue power-down
The store queue is considered part of the general CPU and independent power-down of this block
is not implemented.
B.1.3
UBC power-down
The UBC is considered part of the general CPU and independent power-down of this block is not
implemented.
B.1.4
System standby
To enter and leave standby it is necessary for the CPU to power down the system including memory
devices and then to enter standby by executing a sleep instruction. On leaving sleep and standby,
it may be necessary for the CPU to power itself up and subsequently power up the system and its
memory devices.
During the power-down and power-up sequences the main memory devices are not available. The
CPU therefore preloads the appropriate code into the cache as part of the power sequencing.
B.2
PCI
B.2.1
Clocking
PCI internal clock loop back is not implemented. To use the internal PCI clock, the pads
PCICLOCKOUT and PCICLOCKIN are connected to rollback the clock generator. Alternatively an
external clock source may be used.
B.2.2
Type 2 configuration accesses
Configuration space accesses to devices across a PCI bridge are implemented as type 2
operations on the PCI bus. In this implementation such accesses must be broken into a sequence
of byte operations. For example, access to a 32-bit register is through four single byte operations.
B.2.3
Software visible changes between STB1HC7 and ST40RAH8D
PCI PLL reprogramming required for H7 parts is no longer required for H8.
The PCI PLL register is renamed from PLLPCICR to CLKGENA.PLL2CR.
The register implementation for PCI MBAR mappings has changed between the STB1HC7 and
ST40RAH8D implementations and software device drivers should reflect this.
B.2.4
Error behavior
The implementation of local (PCI register) error handling is not fully implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com