Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST40RA Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 84Page - STMicroelectronics ST40RA Datasheet HTML 85Page - STMicroelectronics ST40RA Datasheet HTML 86Page - STMicroelectronics ST40RA Datasheet HTML 87Page - STMicroelectronics ST40RA Datasheet HTML 88Page - STMicroelectronics ST40RA Datasheet HTML 89Page - STMicroelectronics ST40RA Datasheet HTML 90Page - STMicroelectronics ST40RA Datasheet HTML 91Page - STMicroelectronics ST40RA Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
ADCS 7260755H
STMicroelectronics
88/94
ST40RA
B Implementation restrictions
B.2.5
Master abort
When operating as a bus master, the PCI module is not guaranteed to have the value 0xFFFF FFFF
following a master abort of a read cycle. The master abort may be detected using either the PCI
module status and interrupt information supplied by the module.
B.3
EMI/EMPI
B.3.1
EMPI burst mode operation: ST40RA MPX target
MPX operations using the ST40RA as the target which lead to burst requests to memory (Read
ahead, 8-, 16- and 32-byte read operations) have limited support.
MPX operations from the ST40RA as an initiator includes full support for all transfer sizes.
B.3.2
SDRAM initialization during boot from flash
During the SDRAM initialization sequence only internal EMI registers are accessible, it is therefore
necessary to ensure the program required to execute the initialization sequence is placed in an
alternate memory location such as the LMI or preloaded into the cache.
B.3.3
MPX boot
BOOTFROMMPX is not supported on this part.
B.4
Mailbox
B.4.1
Test and set functionality
This is not supported.
B.5
Power down
B.5.1
Module power-down sequencing
Whilst powering down using the associated registers for the ST40RA module, in general, software
is responsible for ensuring the module is in a safe state before requesting module shutdown. For
details refer to the appropriate documentation.
B.5.2
Accesses to modules in power-down state
Once a module is in power-down state, attempts to access that module may lead the system to
hang.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com