Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST40RA166XH1 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST40RA166XH1
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 73Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 74Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 75Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 76Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 77Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 78Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 79Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 80Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
9 Package
ST40RA
77/94
STMicroelectronics
ADCS 7260755H
Ref
Dimensions
Description
Databook (mm)
Drawing (mm)
Min
Typical
Max
Min
Typical
Max
A
2.6
2.6
Overall thickness
A1
0.36
0.5
0.7
Ball height
A2
1.9
1.63
1.9
Body thickness
b
0.6
0.75
0.9
0.6
0.75
0.9
Ball diameter
D
26.8
27
27.2
26.8
27.0
27.2
Body size
D1
24.13
24.13
Ball footprint
E
26.8
27
27.2
26.8
27.0
27.2
Body size
E1
24.13
24.13
Ball footprint
e
1.27
1.27
Ball pitch
f
1.435
1.435
Ball to edge
. ddd
0.2
0.2
Co-planarity
. eee
(3)
0.15
0.15
Cylindrical tolerance
. fff
(4)
0.075
0.75
Cylindrical tolerance
Table 37: Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com