Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST40RA166XH1 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST40RA166XH1
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 86Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 87Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 88Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 89Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 90Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 91Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 92Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 93Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
ADCS 7260755H
STMicroelectronics
90/94
ST40RA
B Implementation restrictions
B.7
Interconnect
B.7.1
Memory bridge functionality
Ensure there is no traffic passing though the memory bridge when changing frequency.
Semisynchronous modes of operation are not supported.
B.7.2
Clock selection
The alternate CLOCKGENB clock is not supported for the LMI.
B.7.3
Pad drive control
Programmable drive strength control is not supported for DDR operation.
B.8
GPDMA
B.8.1
Linked list support
Decrementing transfers are not supported as part of link list transfer sequences
B.8.2
2-D transfers
2-D transfers fail if the following conditions are met.
1
Source or destination length is greater than 64 bytes.
2
Real transfer unit is less then 32 bytes.
3
The expression length =
n * 64 + tu is true, where:
­ length is either SLENGTH or DLENGTH,
­ tu the real transfer unit of the first access of the second line,
­ n > 0.
B.8.3
Protocol signals
DACK and DRACK protocol signals have limited support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com