Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST486DX Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 16Page - STMicroelectronics ST486DX Datasheet HTML 17Page - STMicroelectronics ST486DX Datasheet HTML 18Page - STMicroelectronics ST486DX Datasheet HTML 19Page - STMicroelectronics ST486DX Datasheet HTML 20Page - STMicroelectronics ST486DX Datasheet HTML 21Page - STMicroelectronics ST486DX Datasheet HTML 22Page - STMicroelectronics ST486DX Datasheet HTML 23Page - STMicroelectronics ST486DX Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ST486DX - SMM SOFTWARE CONSIDERATIONS
30
3.3.2
Maintaining Control Registers
CR0 is maintained in the SMM header. CR2 and CR3 need only be saved if the SMM routine will
be entering protected mode and enabling paging. Most SMM routines will not need to enable pag-
ing. However, if the CPU is going to be powered off, these registers like all the others need to be
saved.
3.3.3
Maintaining Debug Registers
DR7 is maintained in the SMM Header. Since DR7 is automatically initialized to the reset state on
entry to SMM, the Global Disable bit (DR7 bit 13) will be cleared. This allows the SMM routine
to access all of the Debug Registers. Returning from the SMM handler will reload DR7 with its
previous value. In most cases, SMM routines will not make use of the Debug Registers and they
will only need to be saved if the CPU needs to be powered down.
3.3.4
Maintaining Configuration Control Registers
The SMM routine should be written so that it maintains the Configuration Control Registers in the
state that they were initialized to by the BIOS at power-up.
3.3.5
Maintaining FPU State
If power will be removed from the FPU, or if the SMM routine will execute FPU instructions, then
the FPU state needs to be maintained for the application running before SMM was entered. If the
FPU state is to be saved and restored from within SMM, there are certain guidelines that must be
followed to make SMM completely transparent to the application program.
The complete state of the FPU can be saved and restored with the FNSAVE and FNRSTOR instruc-
tions. FNSAVE is used instead of the FSAVE because FSAVE will wait for the FPU to check for
existing error conditions before storing the FPU state. If there is a unmasked FPU exception condi-
tion pending, the FSAVE instruction will wait until the exception condition is serviced. In order to
be transparent to the application program, the SMM routine should not service the exception. If the
FPU state is restored with the FNRSTOR instruction before returning to normal mode, the applica-
tion program can correctly service the exception. Any FPU instructions can be executed within
SMM once the FPU state has been saved.
The information saved with the FSAVE instruction varies depending on the operating mode of the
CPU. To save and restore all FPU information, the 32-bit protected mode version of the FPU save



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com