Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3626 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT3626
Description  6-Channel LED Driver with I2C??Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3626 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT3626 Datasheet HTML 1Page - Catalyst Semiconductor CAT3626 Datasheet HTML 2Page - Catalyst Semiconductor CAT3626 Datasheet HTML 3Page - Catalyst Semiconductor CAT3626 Datasheet HTML 4Page - Catalyst Semiconductor CAT3626 Datasheet HTML 5Page - Catalyst Semiconductor CAT3626 Datasheet HTML 6Page - Catalyst Semiconductor CAT3626 Datasheet HTML 7Page - Catalyst Semiconductor CAT3626 Datasheet HTML 8Page - Catalyst Semiconductor CAT3626 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT3626
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5014 Rev. D
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 90mA (6 LEDs at 15mA), EN = VIN, CIN = C1 = C2 = COUT = 1µF, TAMB = 25ºC, unless otherwise specified.
LED Current Change vs. Supply Voltage
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
3.0 3.2 3.4 3.6 3.8 4.0 4.2
SUPPLY VOLTAGE [V]
1x Mode
1.5x Mode
LED Current Change vs. Temperature
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-40 -20
0
2040
6080
TEMPERATURE [°C]
Switching Frequency vs. Supply Voltage
0.7
0.8
0.9
1.0
1.1
1.2
1.3
3.0
3.2
3.4
3.6
3.8
4.0
SUPPLY VOLTAGE [V]
Switching Frequency vs. Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
0
40
80
120
TEMPERATURE [°C]
Output Resistance vs. Supply Voltage (1x Mode)
0.0
0.2
0.4
0.6
0.8
1.0
3.0 3.2 3.4
3.6 3.8 4.0 4.2
SUPPLY VOLTAGE [V]
Output Resistance vs. Supply Voltage(1.5x Mode)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.0 3.2
3.4 3.6 3.8
4.0 4.2
SUPPLY VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com