Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3626 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3626
Description  6-Channel LED Driver with I2C??Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3626 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3626 Datasheet HTML 2Page - Catalyst Semiconductor CAT3626 Datasheet HTML 3Page - Catalyst Semiconductor CAT3626 Datasheet HTML 4Page - Catalyst Semiconductor CAT3626 Datasheet HTML 5Page - Catalyst Semiconductor CAT3626 Datasheet HTML 6Page - Catalyst Semiconductor CAT3626 Datasheet HTML 7Page - Catalyst Semiconductor CAT3626 Datasheet HTML 8Page - Catalyst Semiconductor CAT3626 Datasheet HTML 9Page - Catalyst Semiconductor CAT3626 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT3626
Doc. No. MD-5014 Rev. D
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 90mA (6 LEDs at 15mA), EN = VIN, CIN = C1 = C2 = COUT = 1µF, TAMB = 25ºC, unless otherwise specified.
Power Up with 6 LEDs at 15mA (1x Mode)
Power Up with 6 LEDs at 15mA (1.5x Mode)
Enable Power Down (1x Mode)
Enable Power Down (1.5x Mode)
Switching Waveforms in 1.5x Mode
Operating Waveforms in 1x Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com