Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD413A1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD413A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD413A1 Datasheet HTML 7Page - STMicroelectronics PSD413A1 Datasheet HTML 8Page - STMicroelectronics PSD413A1 Datasheet HTML 9Page - STMicroelectronics PSD413A1 Datasheet HTML 10Page - STMicroelectronics PSD413A1 Datasheet HTML 11Page - STMicroelectronics PSD413A1 Datasheet HTML 12Page - STMicroelectronics PSD413A1 Datasheet HTML 13Page - STMicroelectronics PSD413A1 Datasheet HTML 14Page - STMicroelectronics PSD413A1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
PSD4XX Family
8
Pin Name
Pin Function
Type
Function Descriptions
ADIO0 – ADIO15
Address/data bus
I/O
1. Address/data bus, multiplexed
bus mode
2. Address bus, non-multiplexed
bus mode
RD
Multiple Names
I
Multiple functions
1. Read
1. Read signal
2. E
2. E signal (Clock)
3. DS
3. Data strobe signal
4. LDS
4. Low byte data strobe
WR
Multiple Names
I
Multiple functions
1. WR
1. Write signal
2. R/W
2. Read-write signal
3. WRL
3. Low byte write signal
CSI
Chip Select Input
I
Active low, select PSD4XX
standby mode if high.
RESET
Reset Input
I
Reset I/O ports, ZPLD/macrocells,
and Configuration Registers.
Active low.
CLKIN
Input clock
I
Clock input to ZPLD macrocells,
ZPLD Array and APD counter.
Connect to ground if Clock Input
not used.
PA0 – PA7
I/O Port A
I/O
Multiple functions
1. I/O port
2. ZPLD/macrocell I/O port
3. Latched address outputs
(PA0 – PA7)
→ (A0 – A7)
4. High address inputs (A16 – A23)
PB0 – PB7
I/O Port B
I/O
Multiple functions
1. I/O port
2. ZPLD/macrocell I/O port
3. Latched address outputs
(PB0–PB7)
→ (A0–A7) or (A8–A15)
PC0 – PC7
I/O Port C
I/O
Multiple functions
CMOS
1. I/O port
or
2. ZPLD input port
*
OD
3. Latched address outputs
(PC0 – PC7)
→ (A0–A7)
4. Data Port (D0 – D7,
non-multiplexed bus)
PD0 – PD7
I/O Port D
I/O
Multiple functions
CMOS
1. I/O port
or
2. ZPLD input port
*
OD
3. Latched address outputs
(PD0–PD7)
→ (A0–A7) or (A8–A15)
4. Data Port (D8 –D15,
non-multiplexed bus)
8.0
Table 2.
PSD4XX Pin
Descriptions
The following table describes the pin names and pin functions of the PSD4XX. Pins that
have multiple names and/or functions are defined by user configuration.
*Available only in PSD4XXA2 and ZPSD4XXA2 Series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com