| Electronic Components Datasheet Search |
|
PSD413A1 Datasheet(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD413A1 Datasheet(HTML) 54 Page - STMicroelectronics |
|
54 / 123 page ![]() PSD4XX Family 51 PSD4XX Family Register Name Port Write/Read Control Register A,B,C,D,E Write/Read Direction Register A,B,C,D,E Write/Read Open Drain Register C,D Write/Read PLD – I/O Register A,B,E Read Table 13. Port Configuration Registers (PCR) Register Name Port Read/Write Data In Register A,B,C,D,E Read Data Out Register A,B,C,D,E Write/Read Macrocell Out Register A,B,E Read Table 14. Port Data Registers (PDR) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PA7 Pin PA6 Pin PA5 Pin PA4 Pin PA3 Pin PA2 Pin PA1 Pin PA0 Pin Table 15. Data In Register – Port A Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PA7 Pin PA6 Pin PA5 Pin PA4 Pin PA3 Pin PA2 Pin PA1 Pin PA0 Pin = 0 = 0 = 0 = 0 = 0 = 1 = 1 = 1 Direction Register – Port A ( Example: Pins PA0 – PA2 as Output, PA3 – PA7 as Input) 9.3.9 Port Registers There are two sets of registers per I/O port: the Port Configuration Registers (PCR) which consist of four 8-bit registers; and the Port Data Registers (PDR) which include three 8-bit registers. The PCR is used for setting up the port configuration, while the PDR enables the microcontroller to write or read port data or status bits. Tables 13 and 14 show the names and the registers and the ports to which they belong. All the registers in the PCR and PDR are 8-bits wide and each bit is associated with a pin in the I/O port. In Table 15, the LSB of the Data In Register of Port A is connected to pin PA0, and the MSB is connected to PA7. This pin configuration also applies to other registers and ports. For example, in the Direction Register of Port A, writing a hex value of 07 to the register configures pins PA0 – PA2 as output pins, while PA3 – PA7 remain as input pins. Registers can be accessed by the microcontroller during normal read/write bus cycles. The I/O address offset of the registers are listed in the System Configuration section. The PSD4XX Architecture (cont.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |