Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1545 Datasheet(PDF) 25 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 25 Page - ams AG

Back Button AS1545 Datasheet HTML 21Page - ams AG AS1545 Datasheet HTML 22Page - ams AG AS1545 Datasheet HTML 23Page - ams AG AS1545 Datasheet HTML 24Page - ams AG AS1545 Datasheet HTML 25Page - ams AG AS1545 Datasheet HTML 26Page - ams AG AS1545 Datasheet HTML 27Page - ams AG AS1545 Datasheet HTML 28Page - ams AG AS1545 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
25 - 34
AS1545
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
10 Application Information
Operation Modes
The operation mode of the AS1545 is selected by controlling the (logic) state of the CSN signal during a conversion
process. There are three possible modes of operation: Full Power-UP mode, Full Power-Down mode, and Partial
Power-Down mode. After a conversion is initiated, the point at which CSN is pulled high determines which power-down
mode, if any, the device enters. Similarly, in power-down mode, CSN can control whether the device returns to Full
Power-Up mode or remains in power-down. These modes of operation provides flexible power management and can
be selected to optimize the power dissipation/throughput rate ratio for differing application requirements.
Full Power-Up Mode
In this mode the AS1545 is fully powered all the time without any power-up time. This mode is suitable for applications
that need the fastest throughput rates. Figure 46 shows the general diagram of the operation of the AS1545 in this
mode. On the falling edge of CSN conversion is initiated. To ensure that the part remains fully powered up at all times,
CSN must remain low until at least 10 SCLK falling edges have elapsed after the falling edge of CSN. The conversion
is terminated and DOUTA and DOUTB go back into three-state, if CSN is brought high any time after the 10th SCLK
falling edge but before the 15th SCLK falling edge. During this process the part remains powered up.
Figure 46. Full Power-Up Mode Operation
Fiveteen serial clock cycles are required to complete the conversion and access the conversion result. The DOUT line
does not return to three-state after 15 SCLK cycles have elapsed, but instead does so when CSN is brought high
again. If CSN is left low for another SCLK cycle (for example, if only a 16 SCLK burst is available), one trailing zeros
are clocked out after the data. If CSN is left low for a further 16 SCLK cycles, the result from the other ADC on board is
also accessed on the same DOUT line, as shown in Figure 52 (see Serial Interface on page 28)
Once 32 SCLK cycles have elapsed, the DOUT line returns to three-state on the 32nd SCLK falling edge. If CSN is
brought high prior to this, the DOUT line returns to three-state at that point. Once a data transfer is complete and DOUTA
and DOUTB have returned to three-state, another conversion can be initiated after the quiet time, tQUIET, has elapsed
by bringing CSN low again (assuming the required acquisition time is allowed).
Full Power-Down Mode
This mode is intended for applications where throughput rates are slower. In this mode the AS1545 will stay power
down until the falling edge of CSN. The device continues to power-up when the CSN is held low till the falling edge of
the 10th SCLK.
When the AS1545 is in full power-down, all analog circuitry is powered down. Full power-down is entered in a similar
way as partial power-down, except the timing sequence shown in Figure 50 must be executed twice. The conversion
process must be interrupted in a similar fashion by bringing CSN high anywhere after the second falling edge of SCLK
and before the 10th falling edge of SCLK. The device enters partial power-down at this point. To reach full power-
down, the next conversion cycle must be interrupted in the same way, as shown in Figure 48. Once CSN is brought
high in this window of SCLKs, the part completely powers down.
Note: It is important to note, that the full power-down mode can only be established if both digital outputs, DOUTA and
DOUTB are not left floating. Therefore a pulldown or pullup of >1G
Ω is required.
3 LEADING ZEROS + CONVERSION RESULT 12bits
1
15
10
DOUTA
DOUTB
SCLK
CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com