Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1545 Datasheet(PDF) 30 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 30 Page - ams AG

Back Button AS1545 Datasheet HTML 26Page - ams AG AS1545 Datasheet HTML 27Page - ams AG AS1545 Datasheet HTML 28Page - ams AG AS1545 Datasheet HTML 29Page - ams AG AS1545 Datasheet HTML 30Page - ams AG AS1545 Datasheet HTML 31Page - ams AG AS1545 Datasheet HTML 32Page - ams AG AS1545 Datasheet HTML 33Page - ams AG AS1545 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
30 - 34
AS1545
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
On top of the difference calculator, the ADC also provide us with information regarding input signals in quadrature (90
degrees phase difference) like the ones we would get from a position calculation system of a motor control.
In order for this mode to work, we must have SGL/DIFF=0, A2=1. A1=1. A0=0, according to what is specified in the
channel addresses table. Also, it is important to note that in order to read the data from the quadrature inputs
calculator we must read all 32 bits of data of the ADC, therefore reducing the overall sampling rate of the ADC by half.
The ADC provides us with the following information:
- Phase A and Phase B bits, dividing the period into four quadrants
- DIR bit, which indicates the direction of the rotation of the rotor
- Counter, this is a 10 bit word that, in the case of using a step down in the rotor indicates the number of times the
step down has spun. The counter increases twice per period if DIR is equal zero and decreases twice per period if
DIR equals one.
Figure 54. A to B phase
Direction of the rotor based on the DIR bit
If the rotor is rotating as the above picture, the direction bit is low.
If the rotor is rotating in the opposite direction to the above picture, the direction bit is high.
Note: This mode works only for SGL/DIFF=0, A2=1. A1=1. A0=0.
Phase A
Phase B
Cos
Sinus
Direction = 0
Direction = 1
Code 2048
Code 4095
Code 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com