Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6370 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6370
Description  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6370_07 Datasheet HTML 11Page - STMicroelectronics L6370_07 Datasheet HTML 12Page - STMicroelectronics L6370_07 Datasheet HTML 13Page - STMicroelectronics L6370_07 Datasheet HTML 14Page - STMicroelectronics L6370_07 Datasheet HTML 15Page - STMicroelectronics L6370_07 Datasheet HTML 16Page - STMicroelectronics L6370_07 Datasheet HTML 17Page - STMicroelectronics L6370_07 Datasheet HTML 18Page - STMicroelectronics L6370_07 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
L6370
Package mechanical data
15/19
4.2
PowerSO-20 packing information
Figure 9.
PowerSO-20 tube shipment information
TUBE MECHANICAL DATA
mm.
inch
A
18.80
0.740
B
17.2 ±0.2
0.677 ±0.008
C
8.20 ±0.2
0.323 ±0.008
D
10.90 ±0.2
0.429 ±0.008
E
2.90 ±0.2
0.114 ±0.008
F
0.40
0.016
G
0.80
0.031
H
6.30
0.248
I
4.30 ±0.2
0.165 ±0.008
J
3.7 ±0.2
0.146 ±0.008
K
9.4
0.370
L
0.40
0.016
M
0.80
0.031
N
3.50 ±0.2
0.138 ±0.008
BASE QUANTITY
31 pcs.
BULK QUANTITY
310 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com