Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6370 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6370
Description  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 Datasheet(HTML) 5 Page - STMicroelectronics

  L6370_07 Datasheet HTML 1Page - STMicroelectronics L6370_07 Datasheet HTML 2Page - STMicroelectronics L6370_07 Datasheet HTML 3Page - STMicroelectronics L6370_07 Datasheet HTML 4Page - STMicroelectronics L6370_07 Datasheet HTML 5Page - STMicroelectronics L6370_07 Datasheet HTML 6Page - STMicroelectronics L6370_07 Datasheet HTML 7Page - STMicroelectronics L6370_07 Datasheet HTML 8Page - STMicroelectronics L6370_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
L6370
Electrical specifications
5/19
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply Voltage (TW< 10ms)
50
V
VS– VO
Supply to Output Differential Voltage.
See also VCl
internally limited
V
Vod
Externally Forced Voltage
-0.3 to 7
V
Iod
Externally Forced Voltage
+1
mA
Vi
Input Voltage
-10 to VS+10
V
Vi
Differential Input Voltage
43
V
Ii
Input Current
20
mA
IO
Output Current . See also ISC
internally limited
A
PTOT
Power Dissipation.
See also Thermal Characteristics.
internally limited
W
TOP
Operating Temperature Range (Tamb)
-25 to +85
°C
TSTG
Storage Temperature
-55 to 150
°C
EI
Energy Induct. Load TJ= 85°C
1
J
Table 4.
Thermal data
Symbol
Description
Value
Unit
RthJC
Thermal Resistance Junction to case
Max.
1.5
°C/W
RthJA
Thermal Resistance Junction to ambient
Max.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com